Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1524H090B-T1-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1524H090B-T1-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1524H090B-T1-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1524H090B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1524H090B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1524H090B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1524H090B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1524H090B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1524H090B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1524H090B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division R1524H090B-T1-FE Datasheet HTML 11Page - RICOH electronics devices division R1524H090B-T1-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
R1524x
NO.EA-332-160720
8
PACKAGE INFORMATION
POWER DISSIPATION (SOT-23-5)
Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the
measurement at the condition below:
Measurement Conditions
Standard Test Land Pattern
Environment
Mounting on Board (Wind velocity = 0 m/s)
Board Material
Glass cloth epoxy plastic (Double sided)
Board Dimensions
40 mm x 40 mm x 1.6 mm
Copper Ratio
Top side: Approx. 50%, Back side: Approx. 50%
Through-holes
φ 0.5 mm x 44 pcs
Measurement Result
(Ta = 25°C, Tjmax = 125°C)
Standard Test Land Pattern
Power Dissipation
420 mW
Thermal Resistance
θja = (125 - 25°C)/0.42 W = 238°C/W
IC Mount Area (Unit: mm)
Ambient Temperature vs. Power Dissipation
Measurement Board Pattern
The above graph shows the Power Dissipation of the package based on Tjmax = 125°C and Tjmax = 150°C.
Operating the IC in the shaded area in the graph might have an influence its lifetime.
Operating time must be within the time limit described in the table below, in case of operating in the shaded area.
Operating Time
Estimated years
(Operating four hours/day)
13,000 hours
9 years
On Board
(Standard Land Pattern)


Similar Part No. - R1524H090B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1524H090B-T1-FE NISSHINBO-R1524H090B-T1-FE Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
More results

Similar Description - R1524H090B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
logo
ETAL Group
E-1072-220 ETAL-E-1072-220 Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Vicor Corporation
V28B3V3C75B VICOR-V28B3V3C75B Datasheet
761Kb / 11P
   DC input range 9 - 36 V
V24C3V3H50BL VICOR-V24C3V3H50BL Datasheet
855Kb / 15P
   DC input range 18 - 36 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com