Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP109Q082D-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP109Q082D-TR-FE
Description  Supply Current Typ. 50uA
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP109Q082D-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP109Q082D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP109Q082D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP109Q082D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP109Q082D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP109Q082D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP109Q082D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP109Q082D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP109Q082D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP109Q082D-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
RP109x
NO.EA-204-131023
8
PACKAGE INFORMATION
Power Dissipation (DFN (PLP) 0808-4)
Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the
measurement at the condition below:
Measurement Conditions:
Standard Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plastic (Double-sided)
Board Dimensions
40mm
× 40mm × 1.6mm
Copper Ratio
Top side: Approx. 50%, Back side: Approx. 50%
Through-holes
φ 0.5mm × 24pcs
Measurement Results:
(Ta=25
°C)
Standard Land Pattern
Power Dissipation
286mW (Tjmax=125
°C)
358mW (Tjmax=150
°C)
θja = (125-25°C)/0.286W= 350°C/W
Thermal Resistance
θjc= 90°C/W
0
50
100
150
200
250
300
350
400
0
25
50
75
100
125
150
Ambient Temperature (°C)
85
286
358
Power Dissipation
Measurement Board Pattern
IC Mount Area (Unit: mm)
40
The above graph shows the Power Dissipation of the package under the conditions of Tjmax=125
°C
and Tjmax=150
°C.
The operation of the IC within the shaded range in the graph might have an affect on the IC’s lifetime.
The operation time of the IC must be remained within the time limit described in the table below.
Operating Time
Estimated Years
(Operating 4 hours/day)
13,000 hours
9 years


Similar Part No. - RP109Q082D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RP1094 RFMD-RP1094 Datasheet
149Kb / 2P
   915.0 MHz SAW RESONATOR
More results

Similar Description - RP109Q082D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com