Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1524H050B-T1-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1524H050B-T1-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1524H050B-T1-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1524H050B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1524H050B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1524H050B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1524H050B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1524H050B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1524H050B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1524H050B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1524H050B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1524H050B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
R1524x
NO.EA-332-160720
6
ELECTRICAL CHARACTERISTICS
CIN = COUT = 0.1
μF, unless otherwise noted.
The specifications surrounded by
are guaranteed by design engineering at -40°
C ≤ Ta ≤ 105°C.
R1524xxxxB
(Ta = 25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
ISS
Supply Current
VIN = 14 V
IOUT = 0 mA
VSET
≤ 5.0 V
2.2
6.5
μA
5.0 V < VSET
2.5
6.8
Istandby Standby Current
VIN = 36 V, VCE = 0 V
0.1
1.0
μA
VOUT
Output Voltage
VSET + 1 V
≤ VIN ≤ 36 V
IOUT = 1 mA
Ta = 25°C
×0.994
×1.006
V
−40°C ≤ Ta ≤ 105°C ×0.984
×1.016
∆VOUT
/
∆IOUT
Load Regulation
VIN = VSET + 3.0 V
1 mA
≤ IOUT ≤ 200 mA
Refer to the Product-specific
Electrical Characteristics
∆VOUT
/
∆VIN
Line Regulation
VSET + 1 V
≤ VIN ≤ 36 V,
IOUT = 1 mA
VSET < 3.3 V
-20
5
20
mV
3.3 V
≤ VSET
-0.02
0.01
0.02
%/V
VDIF
Dropout Voltage
IOUT = 200 mA
Refer to the Product-specific
Electrical Characteristics
ILIM
Output Current Limit
VIN = VSET + 3.0 V
220
350
mA
ISC
Short Current Limit
VOUT = 0 V
60
80
mA
VCEH
CE Input Voltage “H”
2.0
36
V
VCEL
CE Input Voltage “L”
0
1.0
V
IPD
CE Pull-down Current
0.2
0.6
μA
TTSD
Thermal Shutdown
Temparature
Junction Temperature
160
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
135
°C
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj
≈ Ta = 25°C).
R1524xxxxB
Product-specific Electrical Characteristics
(Ta = 25°C)
Product
Name
VOUT (V)
(Ta = 25°C)
VOUT (V)
(−40°C ≤ Ta ≤ 105°C)
∆VOUT/∆IOUT (mV)
VDIF (V)
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TYP.
MAX.
R1524x018B
1.7892
1.80
1.8108 1.7712
1.80
1.8288
-10
10
40
1.6
2.5
R1524x025B
2.4850
2.50
2.5150 2.4600
2.50
2.5400
1.2
2.2
R1524x028B
2.7832
2.80
2.8168 2.7552
2.80
2.8448
R1524x030B
2.9820
3.00
3.0180 2.9520
3.00
3.0480
R1524x033B
3.2802
3.30
3.3198 3.2472
3.30
3.3528
0.8
2.0
R1524x034B
3.3796
3.40
3.4204 3.3456
3.40
3.4544
R1524x050B
4.9700
5.00
5.0300 4.9200
5.00
5.0800
0.6
1.7
R1524x060B
5.9640
6.00
6.0360 5.9040
6.00
6.0960
-18
18
72
R1524x080B
7.9520
8.00
8.0480 7.8720
8.00
8.1280
0.5
1.3
R1524x085B
8.4490
8.50
8.5510 8.3640
8.50
8.6360
R1524x090B
8.9460
9.00
9.0540 8.8560
9.00
9.1440


Similar Part No. - R1524H050B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1524H050B-T1-FE NISSHINBO-R1524H050B-T1-FE Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
More results

Similar Description - R1524H050B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
logo
ETAL Group
E-1072-220 ETAL-E-1072-220 Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Vicor Corporation
V28B3V3C75B VICOR-V28B3V3C75B Datasheet
761Kb / 11P
   DC input range 9 - 36 V
V24C3V3H50BL VICOR-V24C3V3H50BL Datasheet
855Kb / 15P
   DC input range 18 - 36 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com