Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP111N351D-TR-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RP111N351D-TR-FE
Description  Supply Current Typ. 80uA
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111N351D-TR-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RP111N351D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP111N351D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP111N351D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP111N351D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP111N351D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP111N351D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP111N351D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP111N351D-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP111N351D-TR-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
RP111x
NO.EA-241-150204
9
TRANSIENT RESPONSE
The RP111x Series have been improved in overall output voltage characteristics including temperature and
transient response. The load transient response indicated under the Electrical Characteristics is guaranteed by
design based on the condition when IOUT changes from 1mA to 250mA or 250mA to1mA. The output voltage
variations under the other load conditions, the characteristic examples are shown below.
RP111x151x
VIN
2.5V, -40C≦Topt≦85C
CIN
1.0µF, COUT1.0µF, IOUT1mAPeak Output Current (tr=tf=0.5s)
CIN
1.0µF, COUT2.2µF, IOUT1mA Peak Output Current (tr=tf=0.5s)
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
Peak Output Current [mA]
TYP.
MAX.
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
Peak Output Current [mA]
TYP.
MAX.
0
20
40
60
80
100
120
0
100
200
300
400
500
Peak Output Current [mA]
MAX.
TYP.
0
20
40
60
80
100
120
0
100
200
300
400
500
Peak Output Current [mA]
MAX.
TYP.


Similar Part No. - RP111N351D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111N351D RICOH-RP111N351D Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111N351D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com