Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG419DJ Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # DG419DJ
Description  Precision CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG419DJ Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button DG419DJ Datasheet HTML 2Page - TEMIC Semiconductors DG419DJ Datasheet HTML 3Page - TEMIC Semiconductors DG419DJ Datasheet HTML 4Page - TEMIC Semiconductors DG419DJ Datasheet HTML 5Page - TEMIC Semiconductors DG419DJ Datasheet HTML 6Page - TEMIC Semiconductors DG419DJ Datasheet HTML 7Page - TEMIC Semiconductors DG419DJ Datasheet HTML 8Page - TEMIC Semiconductors DG419DJ Datasheet HTML 9Page - TEMIC Semiconductors DG419DJ Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DG417/418/419
6
Siliconix
S-52880—Rev. D, 28-Apr-97
Typical Characteristics (Cont’d)
Switching Time vs. Temperature
Temperature (
_C)
120
100
80
20
0
–55 –40 –20
0
20
40
60
80
100
120
40
60
V+ = 15 V, V– = –15 V
VL = 5 V, VIN = 3 V Pulse
tOFF
tON
±10
±11
±12
±13
±14
±15 ±16
80
70
60
50
40
V– = 0 V
VL = 5 V
VIN = 3 V
tOFF
tON
Switching Time vs. Supply Voltages
Supply Voltage (V)
130
120
100
50
30
10
11
12
13
14
15
16
110
90
40
60
80
70
V– = 0 V
VL = 5 V
VIN = 3 V
tOFF
tON
Switching Time vs. V+
V+ Supply Voltage (V)
Power Supply Currents vs. Switching Frequency
f – Frequency (Hz)
100
10 k
1 M
10 M
V+ = 15 V, V– = –15 V
VL = 5 V, VIN = 5 V, 50% D Cycle
I+, I–
IL
10 mA
1 mA
100
mA
10
mA
1
mA
100 nA
1 k
100 k
Crosstalk and Off Isolation vs. Frequency
f – Frequency (Hz)
100
140
120
100
0
80
60
40
20
DG417/418/419
Source 2
DG419
Source 1
10 k
1 M
100 M
V+ = 15 V
V– = –15 V
VL = 5 V
1 k
100 k
10 M
Supply Current vs. Temperature
Temperature (
_C)
–55 –40
120
100 nA
10 nA
1 nA
0.1 pA
100 pA
10 pA
1 pA
–20
0
20
40
60
80
100
I+, I–
1
mA
V+ = 16.5 V, V– = –16.5 V
VL = 5 V, VIN = 0 V
IGND


Similar Part No. - DG419DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG419DJ MAXIM-DG419DJ Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG419DJ VISHAY-DG419DJ Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG419DJ VISHAY-DG419DJ Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
DG419DJ-E3 VISHAY-DG419DJ-E3 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG419DJ-E3 VISHAY-DG419DJ-E3 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
More results

Similar Description - DG419DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com