Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP106Q152B-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP106Q152B-TR-FE
Description  Supply Current Typ. 48uA
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP106Q152B-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP106Q152B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP106Q152B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP106Q152B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP106Q152B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP106Q152B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP106Q152B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP106Q152B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP106Q152B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP106Q152B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
RP106x SERIES
0.8%ACCURACY 0.7V OUTPUT 400mA LDO REGULATOR
NO.EA-180-131017
1
OUTLINE
The RP106x Series are low voltage 400mA voltage regulator. These ICs had been further improved of low-
voltage capability compared with previous low-voltage product.
The input voltage is as low as Min. 1.0V and the output voltage can be set from 0.7V. The output voltage
accuracy has been improved to ±0.8% and due to a built-in transistor with low on-resistance of 0.55Ω (at
VOUT=1.5V).
Each of these ICs consists of a voltage reference unit, an error amplifier, a resistor-net for voltage setting, and
a current limit circuits for over-current for the destruction prevention by the over-current.
The CE pin can switch the regulator to standby mode. In addition to SOT-23-5 and SC-88A packages, a
0.69mm square WLCSP-4-P5 package and a 1.2mm square DFN(PLP)1212-6 are also available.
FEATURES
Supply Current ......................................................Typ. 48µA
Standby Current....................................................Typ. 0.1µA
Ripple Rejection....................................................Typ. 60dB (f=10kHz)
Input Voltage Range .............................................1.0V to 3.6V
Output Voltage Range...........................................0.7V to 1.8V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
Output Voltage Accuracy.......................................±0.8% (VOUT≥1.0V, Topt=25°C)
Temperature-Drift Coefficient of Output Voltage ...Typ. ±60ppm/°C
Dropout Voltage ....................................................Typ. 0.22V (VOUT=1.5V)
Line Regulation .....................................................Typ. 0.10%/V
Packages ..............................................................WLCSP-4-P5, DFN(PLP)1212-6, SC-88A, SOT-23-5
Built-in Fold Back Protection Circuit .....................Typ. 110mA (Current at short mode)
Built-in Constant Slope Circuit
Ceramic capacitors are recommended to be used with this IC .....1.0µF or more
APPLICATIONS
Power source for portable communication equipment.
Power source for electrical appliances such as cameras, VCRs and camcorders.
Power source for battery-powered equipment.
*RP106N (SOT-23-5) is the non-promotion product. As of March in 2015.


Similar Part No. - RP106Q152B-TR-FE

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP106 DEC-RP106 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
More results

Similar Description - RP106Q152B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com