Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP111L361D-TR Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP111L361D-TR
Description  Supply Current Typ. 80uA
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111L361D-TR Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP111L361D-TR Datasheet HTML 6Page - RICOH electronics devices division RP111L361D-TR Datasheet HTML 7Page - RICOH electronics devices division RP111L361D-TR Datasheet HTML 8Page - RICOH electronics devices division RP111L361D-TR Datasheet HTML 9Page - RICOH electronics devices division RP111L361D-TR Datasheet HTML 10Page - RICOH electronics devices division RP111L361D-TR Datasheet HTML 11Page - RICOH electronics devices division RP111L361D-TR Datasheet HTML 12Page - RICOH electronics devices division RP111L361D-TR Datasheet HTML 13Page - RICOH electronics devices division RP111L361D-TR Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
RP111x
NO.EA-241-150204
10
CIN
1.0µF, COUT1.0µF, IOUT1mA Peak Output Current (tr=tf=5.0s)
RP111x281x
VIN
3.8V, -40C≦Topt≦85C
CIN
1.0µF, COUT1.0µF, IOUT1mA Peak Output Current (tr=tf=0.5s)
CIN
1.0µF, COUT2.2µF, IOUT1mA Peak Output Current (tr=tf=0.5s)
-60
-50
-40
-30
-20
-10
0
0
100
200
300
400
500
Peak Output Current [mA]
TYP.
MAX.
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
Peak Output Current [mA]
TYP.
MAX.
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
Peak Output Current [mA]
TYP.
MAX.
0
20
40
60
80
100
120
0
100
200
300
400
500
Peak Output Current [mA]
MAX.
TYP.
0
20
40
60
80
100
120
0
100
200
300
400
500
Peak Output Current [mA]
MAX.
TYP.
0
5
10
15
20
25
30
35
0
100
200
300
400
500
Peak Output Current [mA]
MAX.
TYP.


Similar Part No. - RP111L361D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111L361D RICOH-RP111L361D Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111L361D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com