Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP110L151B-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP110L151B-TR
Description  Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP110L151B-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP110L151B-TR Datasheet HTML 1Page - RICOH electronics devices division RP110L151B-TR Datasheet HTML 2Page - RICOH electronics devices division RP110L151B-TR Datasheet HTML 3Page - RICOH electronics devices division RP110L151B-TR Datasheet HTML 4Page - RICOH electronics devices division RP110L151B-TR Datasheet HTML 5Page - RICOH electronics devices division RP110L151B-TR Datasheet HTML 6Page - RICOH electronics devices division RP110L151B-TR Datasheet HTML 7Page - RICOH electronics devices division RP110L151B-TR Datasheet HTML 8Page - RICOH electronics devices division RP110L151B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
RP110x SERIES
150mA Low Supply Current LDO REGULATOR
NO.EA-239-140522
1
OUTLINE
The RP110x Series is a voltage regulator (LDO) IC, which has been developed using the CMOS process
technology, with high output voltage accuracy, ultra-low supply current, and low ON-resistance transistor. The IC
contains the following components: a voltage reference unit, an error amplifier, a resistor-net for output voltage
setting, a current limit circuit for preventing short-circuit, a soft-start circuit, and a chip enable circuit.
By minimizing the supply current to 1µA, the IC is able to prolong the battery life of each system. The external
capacitor is 0.1µF with phase compensation. The IC also has a constant slope circuit as a soft-start circuit, which
does not require any external capacitor. It minimizes the inrush current and prevents the output voltage
overshoot at the start-up.
In addition to the small packaged SOT-23-5 and SC-88A, the RP110x Series offers the ultra-small
DFN(PLP)0808-4 package and DFN1010-4, which enables the high density mounting of LDO regulator.
FEATURES
• Supply Current ......................................................Typ. 1.0μA
(Except the current through CE pull down circuit)
• Standby Current ....................................................Typ. 0.1μA
• Dropout Voltage ....................................................Typ. 0.28V (IOUT=150mA, VOUT=2.8V)
• Output Voltage Accuracy.......................................±1.0%
• Temperature-Drift Coefficient of Output Voltage ...Typ. ±100ppm/°C
• Line Regulation .....................................................Typ. 0.02%/V
• Packages ..............................................................DFN(PLP)0808-4, DFN1010-4,
SC-88A, SOT-23-5
• Input Voltage Range .............................................1.4V to 5.25V
• Output Voltage Range...........................................0.8V to 3.6V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Built-in Fold Back Protection Circuit .....................Typ. 50mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .....0.1μF or more
• Built-in Constant Slope Circuit
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.


Similar Part No. - RP110L151B-TR

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1104 MURATA-RP1104 Datasheet
132Kb / 2P
   824.25 MHz SAW Resonator
RP1104 MURATA-RP1104_15 Datasheet
253Kb / 2P
   640.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1105 RFM-RP1105 Datasheet
93Kb / 2P
   640.0 MHz SAW Resonator
More results

Similar Description - RP110L151B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW RICOH-RD5RW Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com