Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH5RZ30CA-T1-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RH5RZ30CA-T1-FE
Description  Supply Current Typ. 20uA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RZ30CA-T1-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  RH5RZ30CA-T1-FE Datasheet HTML 1Page - RICOH electronics devices division RH5RZ30CA-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RH5RZ30CA-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RH5RZ30CA-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RH5RZ30CA-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RH5RZ30CA-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RH5RZ30CA-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RH5RZ30CA-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RH5RZ30CA-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rx5RZ SERIES
LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
NO. EA-039-111020
1
OUTLINE
The Rx5RZ Series are CMOS-based voltage regulator ICs with high output voltage accuracy, low supply
current, low dropout voltage and high ripple rejection. Each of these voltage regulator ICs consists of a voltage
reference unit, an error amplifier, output voltage setting resistors, a current limit circuit and a chip enable circuit.
(Provided two types of chip enable circuit ; “H” active and “L” active, that can be selected when order.) for A/B
version. The output voltage of these ICs is fixed with high accuracy.
In addition to low supply current from CMOS process, the Rx5RZ Series may lengthen battery life through low
dropout voltage and chip enable function thanks to the built-in low ON resistance transistor. Also when compared
with conventional regulators that employ CMOS process, these ICs have superior ripple rejection, input transient
response characteristic and load transient response characteristic thus making these product suitable for power
supply for hand-held communication equipment.
Since the package for these ICs are the SOT-23-5 package and SOT-89, high density mounting of the ICs on
boards is possible.
FEATURES
• Supply Current .............................................................Typ. 20μA
• Supply Current (Standby) ...........................................Typ. 0.1μA
• Output Voltage Accuracy..............................................±2%
• Ripple Rejection...........................................................Typ. 55dB (f=1kHz)
• Dropout Voltage ...........................................................Typ. 0.2V (IOUT=60mA)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ± 100ppm/°C
• Line Regulation ............................................................Typ. 0.05%/V
• Output Voltage Range..................................................2.0V to 6.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Packages .....................................................................SOT-23-5 (Mini-mold), SOT-89 (Mini-power Mold)
• Built-in Fold-Back Protection Circuit ............................Current limit Typ. 50mA
APPLICATIONS
• Power source for battery-powered equipment
• Power source for hand-held communication equipment, cameras, and VCRs
• Power source for home appliances


Similar Part No. - RH5RZ30CA-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RZ30CA RICOH-RH5RZ30CA Datasheet
25Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
More results

Similar Description - RH5RZ30CA-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com