Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ5RW20BA-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RQ5RW20BA-TR-FE
Description  Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW20BA-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RQ5RW20BA-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RQ5RW20BA-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RQ5RW20BA-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RQ5RW20BA-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RQ5RW20BA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RQ5RW20BA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RQ5RW20BA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RQ5RW20BA-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RQ5RW20BA-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Rx5RW
7
ELECTRICAL CHARACTERISTICS BY OUTPUT VOLTAGE
Topt
=25°C
Output Voltage
Output Current
Load Regulation
Dropout Voltage
VOUT (V)
IOUT (mA)
ΔVOUT/ΔIOUT (mV)
VDIF (mV)
Part
Number
Conditions
Min.
Typ.
Max.
Conditions
Min.
Conditions
Typ.
Max.
Conditions
Typ.
Max.
Rx5RW15
1.470
1.500
1.530
120
200
Rx5RW16
1.568
1.600
1.632
Rx5RW17
1.666
1.700
1.734
90
135
Rx5RW18
1.764
1.800
1.836
Rx5RW19
1.862
1.900
1.938
Rx5RW20
1.960
2.000
2.040
Rx5RW21
2.058
2.100
2.142
Rx5RW22
2.156
2.200
2.244
Rx5RW23
2.254
2.300
2.346
60
90
Rx5RW24
2.352
2.400
2.448
Rx5RW25
2.450
2.500
2.550
Rx5RW26
2.548
2.600
2.652
Rx5RW27
2.646
2.700
2.754
50
75
Rx5RW28
2.744
2.800
2.856
Rx5RW29
2.842
2.900
2.958
35
VIN-VOUT
=2.0V
1mA
≤IOUT
≤35mA
30
45
Rx5RW30
2.940
3.000
3.060
Rx5RW31
3.038
3.100
3.162
40
60
Rx5RW32
3.136
3.200
3.264
Rx5RW33
3.234
3.300
3.366
Rx5RW34
3.332
3.400
3.468
Rx5RW35
3.430
3.500
3.570
35
55
Rx5RW36
3.528
3.600
3.672
Rx5RW37
3.626
3.700
3.774
Rx5RW38
3.724
3.800
3.876
Rx5RW39
3.822
3.900
3.978
50
VIN-VOUT
=2.0V
1mA
≤IOUT
≤50mA
40
60
30
45
Rx5RW40
3.920
4.000
4.080
Rx5RW41
4.018
4.100
4.182
Rx5RW42
4.116
4.200
4.284
Rx5RW43
4.214
4.300
4.386
Rx5RW44
4.312
4.400
4.488
Rx5RW45
4.410
4.500
4.590
Rx5RW46
4.508
4.600
4.692
Rx5RW47
4.606
4.700
4.794
Rx5RW48
4.704
4.800
4.896
Rx5RW49
4.802
4.900
4.998
65
VIN-VOUT
=2.0V
1mA
≤IOUT
≤65mA
50
70
Rx5RW50
4.900
5.000
5.100
Rx5RW51
4.998
5.100
5.202
Rx5RW52
5.096
5.200
5.304
Rx5RW53
5.194
5.300
5.406
Rx5RW54
5.292
5.400
5.508
Rx5RW55
5.390
5.500
5.610
Rx5RW56
5.488
5.600
5.712
Rx5RW57
5.586
5.700
5.814
Rx5RW58
5.684
5.800
5.916
Rx5RW59
5.782
5.900
6.018
Rx5RW60
VIN-VOUT
=2.0V
10
μA≤IOUT
≤10mA
5.880
6.000
6.120
VIN-VOUT
=2.0V
80
VIN-VOUT
=2.0V
1mA
≤IOUT
≤80mA
60
90
IOUT
=1mA
25
40


Similar Part No. - RQ5RW20BA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW20BA-TR RICOH-RQ5RW20BA-TR Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
More results

Similar Description - RQ5RW20BA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RP106 RICOH-RP106_17 Datasheet
3Mb / 34P
   Supply Current Typ. 48uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com