Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ5RW15BA-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RQ5RW15BA-TR-FE
Description  Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW15BA-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RQ5RW15BA-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RQ5RW15BA-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RQ5RW15BA-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RQ5RW15BA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RQ5RW15BA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RQ5RW15BA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RQ5RW15BA-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RQ5RW15BA-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RQ5RW15BA-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Rx5RW
8
ELECTRICAL CHARACTERISTICS BY OUTPUT VOLTAGE
(common characteristics)
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
ISS
Supply Current
VIN
=Set VOUT+2.0
1.5
3.0
μA
Istandby
Standby Current
VIN
=Set VOUT+2.0V
VCE
=VIN (Rx5RWxxA),
VCE
=GND (Rx5RWxxB)
0.1
1.0
μA
ΔVOUT/ΔVIN
Line Regulation
IOUT
=1mA
Set VOUT
+0.5V≤VIN≤8V
0
0.05
0.20
%/V
VIN
Input Voltage
8.0
V
ΔVOUT/ΔTopt
Output Voltage
Temperature Coefficient
IOUT
=10mA
−40°C≤Topt≤85°C
±100
ppm/
°C
ISC
Short Current Limit
40
mA
RPU/RPD
CE Pull-up / CE Pull-down
Resistance
applied to A/B version
1.5
4.0
12.0
M
Ω
VCEH
CE /CE Input Voltage "H"
applied to A/B version
1.5
V
VCEL
CE /CE Input Voltage "L"
applied to A/B version
0.25
V
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.
OPERATION
Rx5RWxxB
2
4
1
VOUT
GND
VDD
CE
+
-
Vref
3
Current Limit
R1
R2
In these ICs, output voltage VOUT is detected by Feedback Registers R1, R2, and the detected output voltage
is compare with a reference voltage by the error amplifier, so that a constant voltage is output.
A current limit circuit working for short protect, and a chip enable circuit are included.


Similar Part No. - RQ5RW15BA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW15BA RICOH-RQ5RW15BA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
More results

Similar Description - RQ5RW15BA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RP106 RICOH-RP106_17 Datasheet
3Mb / 34P
   Supply Current Typ. 48uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com