Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP108J Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP108J
Description  Output Current Min. 3A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP108J Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP108J Datasheet HTML 1Page - RICOH electronics devices division RP108J Datasheet HTML 2Page - RICOH electronics devices division RP108J Datasheet HTML 3Page - RICOH electronics devices division RP108J Datasheet HTML 4Page - RICOH electronics devices division RP108J Datasheet HTML 5Page - RICOH electronics devices division RP108J Datasheet HTML 6Page - RICOH electronics devices division RP108J Datasheet HTML 7Page - RICOH electronics devices division RP108J Datasheet HTML 8Page - RICOH electronics devices division RP108J Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RP108J Series
Low Input Voltage 3A LDO Regulator
NO.EA-203-150817
1
OUTLINE
The RP108J is a CMOS-based voltage regulator IC featuring 3A output with low ON-resistance.
The RP108J consists of a voltage reference unit, an error amplifier, resistor-net for voltage setting, a fold-back
protection circuit, and a thermal shutdown circuit. The RP108J features both low supply current and high output
current, and the dropout voltage is much smaller than bi-polar's. The minimum input voltage is as low as 1.6V
and the output voltage can be set from 0.8V, therefore it can be connected with the DC/DC converter as the latter
power supply for high density LSI that is operated by low output voltage.
The output voltage of RP108J081x is externally adjustable by using external divide resistors. The CE pin of the
RP108J can switch the regulator to standby mode. In addition to a fold-back protection circuit, which is already
built in the conventional regulators, The RP108J contains a thermal shutdown circuit, a constant slope circuit as
a soft-start function and a reverse current protection circuit. Ceramic capacitors can be used.
FEATURES
• Output Current ............................................................. Min. 3A
• Supply Current ............................................................. Typ. 350µA
• Standby Current........................................................... Typ. 2µA
• Input Voltage Range .................................................... 1.6V to 5.25V
• Output Voltage Range.................................................. Fixed Output Voltage Type: 0.8V to 4.2V (0.1V steps)
* Refer to MARK INFORMATIONS for other voltages.
Adjustable Output Voltage Type: 0.8V to 4.2V
• Output Voltage Accuracy.............................................. ±1.0% (±15mV accuracy, When VSET
≤ 1.5V)
• Output Voltage Temperature-drift Coefficient ........... Typ. ±100ppm/°C
• Ripple Rejection........................................................... Typ. 65dB (f = 1kHz, VSET = 2.8V)
• Dropout Voltage ........................................................... Typ. 0.51V (VSET=2.8V)
• Line Regulation ............................................................ Typ. 0.1%/V
• Package ....................................................................... TO-252-5-P2
• Built-in Fold-back Protection Circuit............................. Typ. 220mA
• Built-in Thermal Shutdown Circuit................................ Stops at 165°C
• Built-in Constant Slope Circuit
• Built-in Reverse Current Protection Circuit
• Ceramic capacitors are recommended to be used with this IC···· 10µF or more
APPLICATIONS
• Power source for battery-powered equipments.
• Power source for portable communication equipments such as cameras and VCRs.
• Power source for electrical home appliances.


Similar Part No. - RP108J

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP108 DEC-RP108 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
More results

Similar Description - RP108J

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131 RICOH-RP131 Datasheet
779Kb / 36P
   Output Current Min. 1A
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
logo
Lineage Power Corporati...
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com