Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1517J851E-T1-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1517J851E-T1-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1517J851E-T1-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1517J851E-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1517J851E-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1517J851E-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1517J851E-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1517J851E-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1517J851E-T1-FE Datasheet HTML 10Page - RICOH electronics devices division R1517J851E-T1-FE Datasheet HTML 11Page - RICOH electronics devices division R1517J851E-T1-FE Datasheet HTML 12Page - RICOH electronics devices division R1517J851E-T1-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
R1517x
NO. EA−304−170112
9
VIN = VSET + 1.0 V, IOUT = 1 mA, CIN = COUT = 0.1 µF, unless otherwise noted.
The specifications surrounded by
are guaranteed by design engineering at -40°C ≤ Ta ≤ 105°C.
R1517xxxxE/F
(Ta = 25
C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
3.5
36
V
VOUT
Output Voltage
Ta = 25°C
VSET ≤ 5.0 V
0.992
1.008
V
VSET > 5.0 V
0.99
1.01
V
−40°C ≤ Ta ≤ 125°C
VSET ≤ 5.0 V
0.982
1.018
V
VSET > 5.0 V
0.98
1.02
V
VOUT
/
IOUT
Load Regulation
VIN = VSET +2.0 V
1 mA ≤ IOUT ≤ 250 mA
−15
3
25
mV
VIN = VSET +2.0 V
1 mA ≤ IOUT ≤ 500 mA
−25
5
40
mV
VDIF
Dropout Voltage
IOUT = 500 mA
Refer to Product-specific
Electrical Characteristics.
ISS
Supply Current
IOUT = 0 mA
18
36
µA
Istandby
Standby Current
VCE = 0 V
0.1
2.0
µA
VOUT
/
VIN
Line Regulation
VSET +0.5 V ≤ VIN ≤ 36 V,
if VIN ≤ 3.5 V
0.01
0.02
%/V
VOUT
/
Ta
Output Voltage
Temperature Coefficient
−40°C ≤ Ta ≤ 105°C
±60
ppm
/°C
ILIM
Output Current Limit
VIN = VSET +2.0 V
500
mA
ISC
Short Current Limit
VOUT = 0 V
75
mA
IPD
CE Pull-down Current
VCE = 5 V
0.2
0.6
µA
VCE = 36 V
0.5
1.3
µA
IDELAY
DELAY Current
DELAY = GND
1.5
2.5
3.5
µA
tD1
Soft-start Time 1
DELAY = OPEN
26
µs
tD2
Soft-start Time 2
DELAY = 0.001
F
210
290
415
µs
VCEH
CE Input Voltage "H"
2.2
V
VCEL
CE Input Voltage "L"
1.0
V
TTSD
Thermal Shutdown
Temperature
Junction Temperature
160
°C
TTSR
Thermal Shutdown
Released Temperature
Junction Temperature
135
°C
RLOW
Low Output Nch Tr. ON
Resistance (R1517xxx1F) V
IN
= 14.0 V, VCE = 0 V
3.2
kΩ
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj ≈ Ta = 25°C) except for
Output Voltage Temperature Coefficient, Soft-start Time 1, and Soft-start Time 2.


Similar Part No. - R1517J851E-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1517J851E NISSHINBO-R1517J851E Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
More results

Similar Description - R1517J851E-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Nell Semiconductor Co.,...
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
   Voltage rating up to 1600 V
400PT NELLSEMI-400PT Datasheet
1Mb / 2P
   Voltage rating up to 1800 V
610PT NELLSEMI-610PT Datasheet
1Mb / 6P
   Voltage rating up to 2400 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com