Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP102Z331-TR-F Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP102Z331-TR-F
Description  Supply Current Typ. 50uA
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102Z331-TR-F Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP102Z331-TR-F Datasheet HTML 1Page - RICOH electronics devices division RP102Z331-TR-F Datasheet HTML 2Page - RICOH electronics devices division RP102Z331-TR-F Datasheet HTML 3Page - RICOH electronics devices division RP102Z331-TR-F Datasheet HTML 4Page - RICOH electronics devices division RP102Z331-TR-F Datasheet HTML 5Page - RICOH electronics devices division RP102Z331-TR-F Datasheet HTML 6Page - RICOH electronics devices division RP102Z331-TR-F Datasheet HTML 7Page - RICOH electronics devices division RP102Z331-TR-F Datasheet HTML 8Page - RICOH electronics devices division RP102Z331-TR-F Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
RP102x
NO.EA-141-160705
5
ELECTRICAL CHARACTERISTICS
RP102xxx1B/D
VIN
Set VOUT1V for VOUT options grater than 1.5V. VIN2.5V for VOUT  
 1.5V.
IOUT
1mA, CINCOUT1F, unless otherwise noted.
Topt
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
Set VOUT1V
VOUT > 2.0V
0.992
1.008
V
VOUT  
 2.0V
16
16
mV
IOUT
Output Current
300
mA
VOUT/
IOUT
Load Regulation
1mA  
 IOUT  
 150mA
10
20
mV
1mA  
 IOUT  
 300mA
20
40
VDIF
Dropout Voltage
Refer to the following table
ISS
Supply Current
IOUT
0mA
50
70
A
Istandby
Supply Current (Standby)
VCE
0V
0.1
2.0
A
VOUT/VIN Line Regulation
Set VOUT
0.5V  
 VIN  
 5V
0.02
0.10
%/V
RR
Ripple Rejection
f
1kHz, Ripple 0.2Vp-p
VIN
Set VOUT1V, IOUT30mA
(In case that VOUT  
 2V, VIN3V)
80
dB
VIN
Input Voltage*
1.7
5.25
V
VOUT/Topt
Output Voltage
Temperature Coefficient
40C  
 Topt  
 85C
20
ppm
/
C
ISC
Short Current Limit
VOUT
0V
50
mA
IPD
CE Pull-down Current
0.05
0.3
0.6
A
VCEH
CE Input Voltage “H”
1.1
V
VCEL
CE Input Voltage “L”
0.3
V
en
Output Noise
BW
10Hz to 100kHz, IOUT30mA
30
Vrms
RLOW
Low Output Nch Tr. ON
Resistance (of D version)
VIN
4V
VCE
0V
30

) The maximum Input Voltage of the ELECTRICAL CHARACTERISTICS is 5.25V. In case of exceeding this
specification, the IC must be operated on condition that the Input Voltage is up to 5.5V and the total
operating time is within 500hrs.
Electrical Characteristics by Output Voltage
Topt
25C
Output Voltage
VOUT (V)
Dropout Voltage VDIF (V)
Condition
Typ.
Max.
Condition
Typ.
Max.
1.2V  
 VOUT < 1.5V
IOUT
150mA
0.145
-
IOUT
300mA
0.290
0.500
1.5V  
 VOUT < 1.7V
0.110
0.160
0.220
0.320
1.7V  
 VOUT < 2.0V
0.100
0.140
0.200
0.280
2.0V  
 VOUT < 2.5V
0.085
0.120
0.170
0.240
2.5V  
 VOUT < 2.8V
0.070
0.100
0.140
0.200
2.8V  
 VOUT  
 3.3V
0.060
0.095
0.120
0.190


Similar Part No. - RP102Z331-TR-F

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP102 DEC-RP102 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RICOH electronics devic...
RP102K121B RICOH-RP102K121B Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B RICOH-RP102K121B Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B5 RICOH-RP102K121B5 Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K121B5 RICOH-RP102K121B5 Datasheet
376Kb / 30P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP102Z331-TR-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com