Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG418DJ Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # DG418DJ
Description  Precision CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG418DJ Datasheet(HTML) 1 Page - TEMIC Semiconductors

  DG418DJ Datasheet HTML 1Page - TEMIC Semiconductors DG418DJ Datasheet HTML 2Page - TEMIC Semiconductors DG418DJ Datasheet HTML 3Page - TEMIC Semiconductors DG418DJ Datasheet HTML 4Page - TEMIC Semiconductors DG418DJ Datasheet HTML 5Page - TEMIC Semiconductors DG418DJ Datasheet HTML 6Page - TEMIC Semiconductors DG418DJ Datasheet HTML 7Page - TEMIC Semiconductors DG418DJ Datasheet HTML 8Page - TEMIC Semiconductors DG418DJ Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Dual-In-Line and SOIC
S
D
NC
V–
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
1
Dual-In-Line and SOIC
D
S2
S1
V–
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
DG417
DG419
DG417/418/419
Siliconix
S-52880—Rev. D, 28-Apr-97
1
Precision CMOS Analog Switches
Features
Benefits
Applications
D "15-V Analog Signal Range
D On-Resistance—rDS(on): 20 W
D Fast Switching Action—tON: 100 ns
D Ultra Low Power Requirements—PD:35 nW
D TTL and CMOS Compatible
D MiniDIP and SOIC Packaging
D 44-V Supply Max Rating
D Wide Dynamic Range
D Low Signal Errors and Distortion
D Break-Before-Make
Switching Action
D Simple Interfacing
D Reduced Board Space
D Improved Reliability
D Precision Test Equipment
D Precision Instrumentation
D Battery Powered Systems
D Sample-and-Hold Circuits
D Military Radios
D Guidance and Control
Systems
D Hard Disk Drives
Description
The DG417/418/419 monolithic CMOS analog switches
were designed to provide high performance switching of
analog signals. Combining low power, low leakages, high
speed, low on-resistance and small physical size, the
DG417 series is ideally suited for portable and battery
powered industrial and military applications requiring high
performance and efficient use of board space.
To achieve high-voltage ratings and superior switching
performance, the DG417 series is built on Siliconix’s high
voltage silicon gate (HVSG) process. Break-before-make is
guaranteed for the DG419, which is an SPDT configuration.
An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions
when on, and blocks up to the power supply level when
off.
The DG417 and DG418 respond to opposite control logic
levels as shown in the Truth Table.
Functional Block Diagram and Pin Configuration
Truth Table
Logic
DG417
DG418
0
ON
OFF
1
OFF
ON
Logic “0” =
v 0.8 V, Logic “1” = w 2.4 V
Truth Table—DG419
Logic
SW1
SW2
0
ON
OFF
1
OFF
ON
Logic “0” =
v 0.8 V, Logic “1” = w 2.4 V
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70051.


Similar Part No. - DG418DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG418DJ MAXIM-DG418DJ Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG418DJ VISHAY-DG418DJ Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG418DJ VISHAY-DG418DJ Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
DG418DJ-E3 VISHAY-DG418DJ-E3 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG418DJ-E3 VISHAY-DG418DJ-E3 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
More results

Similar Description - DG418DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com