Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1518J251B-T1-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1518J251B-T1-FE
Description  Input Voltage Range (Maximum Rating)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1518J251B-T1-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1518J251B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1518J251B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1518J251B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1518J251B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1518J251B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division R1518J251B-T1-FE Datasheet HTML 11Page - RICOH electronics devices division R1518J251B-T1-FE Datasheet HTML 12Page - RICOH electronics devices division R1518J251B-T1-FE Datasheet HTML 13Page - RICOH electronics devices division R1518J251B-T1-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
R1518x
NO.EA−329−170112
10
The specifications surrounded by
are guaranteed by design engineering at -40°C ≤ Ta ≤ 105°C.
R1518xxxxB/D/E/F Product-specific Electrical Characteristics
(Ta = 25
C)
Product Name
VOUT [V] (Ta = 25°C)
VOUT [V] (−40
C ≤ Ta ≤ 105C)
VDIF [V]
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Max.
R1518x251x
2.480
2.500
2.520
2.455
2.500
2.545
1.00
1.80
R1518x331x
3.274
3.300
3.326
3.241
3.300
3.359
0.90
1.60
R1518x341x
3.373
3.400
3.427
3.339
3.400
3.461
R1518x501x
4.960
5.000
5.040
4.910
5.000
5.090
0.70
1.30
R1518x601x
5.940
6.000
6.060
5.880
6.000
6.120
R1518x851x
8.415
8.500
8.585
8.330
8.500
8.670
0.65
1.10
RECOMMENDED OPERATING CONDITIONS (ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - R1518J251B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1518J251B-T1-FE NISSHINBO-R1518J251B-T1-FE Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO
More results

Similar Description - R1518J251B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
DRP048V240W1BX DELTA-DRP048V240W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
logo
HB Electronic Component...
PLCC3014-W6 HB-PLCC3014-W6 Datasheet
547Kb / 10P
   Absolute maximum rating
PLCC3014-W3 HB-PLCC3014-W3 Datasheet
551Kb / 10P
   Absolute maximum rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com