Electronic Components Datasheet Search |
|
RD5RW15BA-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division |
|
RD5RW15BA-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division |
1 / 19 page Rx5RW SERIES ULTRA SMALL PACKAGE VOLTAGE REGULATOR NO.EA-048-111020 1 OUTLINE The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low supply current developed. Each of these ICs consists of a driver transistor, a voltage reference unit, an error amplifier, resistors for setting output volt-age and a current limit circuit. The output voltage of these ICs is fixed with high accuracy. Even if VOUT is shorted to GND, the included current limit circuit protects the ICs from the destruction. Furthermore, Rx5RWxxA/B have a chip enable function, so that the supply current on standby can be minimized. Since the packages for these ICs are SC-82AB and SON1612-6, high density mounting of the ICs on boards is possible. FEATURES • Supply Current .............................................................Typ. 1.5μA (except pull-up/pull-down current for CE /CE pin) • Standby Current ...........................................................Typ. 0.1μA (applied to A/B version) • Dropout Voltage ...........................................................Typ. 40mV (IOUT=1mA, Rx5RW30A/B/C) • Temperature-Drift Coefficient of Output Voltage ..........Typ. ±100ppm/°C • Line Regulation ............................................................Typ. 0.05%/V • Input Voltage Range ....................................................Max. 8.0V • Output Voltage Range..................................................1.5V to 6.0V (0.1V steps) • Output Voltage Accuracy..............................................±2.0% • Packages .....................................................................SC-82AB, SON1612-6 • Built-in Current Limit Circuits APPLICATIONS • Power source for battery-powered equipment. • Power source for cameras, VCRs, camcorders, hand-held audio instruments and hand-held communication equipment. • Precision voltage references. |
Similar Part No. - RD5RW15BA-TR-FE |
|
Similar Description - RD5RW15BA-TR-FE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |