Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5112x081B Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R5112x081B
Description  Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5112x081B Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R5112x081B Datasheet HTML 2Page - RICOH electronics devices division R5112x081B Datasheet HTML 3Page - RICOH electronics devices division R5112x081B Datasheet HTML 4Page - RICOH electronics devices division R5112x081B Datasheet HTML 5Page - RICOH electronics devices division R5112x081B Datasheet HTML 6Page - RICOH electronics devices division R5112x081B Datasheet HTML 7Page - RICOH electronics devices division R5112x081B Datasheet HTML 8Page - RICOH electronics devices division R5112x081B Datasheet HTML 9Page - RICOH electronics devices division R5112x081B Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
R5112S
NO.EA-406-160420
6
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
−0.3 to 50
V
Peak Input Voltage(1)
60
V
VCE
Input Voltage (CE Pin)
−0.3 to 50
V
VOUT
Output Voltage
−0.3 to VIN + 0.3 ≤ 50
V
VCD
CD Pin Output Voltage
−0.3 to 7.0
V
VDOUT
DOUT Pin Output Voltage
−0.3 to 7.0
V
VSENSE
SENSE Pin Input Voltage
−0.3 to 7.0
V
PD
Power Dissipation(2) (HSOP-8E)
Ultra High Wattage
Land Pattern
2900
mW
Tj
Junction Temperature
−40 to 125
°C
Tstg
Storage Temperature
−55 to 125
°C
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent
damages and may degrade the lifetime and safety for both device and system using the device in the field. The
functional operation at or over these absolute maximum ratings are not assured.
RECOMMENDED OPERATING CONDITIONS
Symbol
Item
Rating
Unit
VIN
Input Voltage
3.5 to 42
V
VCE
Input Voltage (CE Pin)
0 to 42
V
VDOUT
DOUT Pin Output Voltage
0 to 5.5
V
VSENSE
SENSE Pin Input Voltage
0 to 5.5
V
Ta
Operating Temperature
−40 to 105
°C
RECOMMENDED OPERATING CONDITIONS
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the recommended
operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. And the
semiconductor devices may receive serious damage when they continue to operate over the recommended operating
conditions.
(1) Duration time: 200 ms
(2) Refer to POWER DISSIPATION for detailed information.


Similar Part No. - R5112x081B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R5110110 POWEREX-R5110110 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110115 POWEREX-R5110115 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110210 POWEREX-R5110210 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110215 POWEREX-R5110215 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110310 POWEREX-R5110310 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
More results

Similar Description - R5112x081B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_09 Datasheet
307Kb / 13P
   5-V Voltage Regulator Input voltage up to 42 V
Rev. 1.4, 2009-01-12
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G_07 Datasheet
536Kb / 14P
   Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
Rev. 1.1, 2007-03-20
logo
Texas Instruments
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com