Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5324K025-TR Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R5324K025-TR
Description  Supply Current Typ. 90uA (VR1, VR2, VR3)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324K025-TR Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R5324K025-TR Datasheet HTML 4Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 5Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 6Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 7Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 8Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 9Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 10Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 11Page - RICOH electronics devices division R5324K025-TR Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
R5324x
8
VR3
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
−VOUT=1.0V
1mA <
= IOUT <
= 30mA
×0.98
×1.02
V
IOUT
Output Current
VIN
−VOUT=1.0V
100
mA
ΔVOUT/ΔIOUT
Load Regulation
VIN
−VOUT=1.0V
1mA <
= IOUT <
= 100mA
8
20
mV
VOUT
=1.5V
0.24
0.44
VOUT
=1.6V
0.22
0.40
VOUT
=1.7V
0.21
0.38
1.8V <
= VOUT <
= 2.0V
0.20
0.37
2.1V <
= VOUT <
= 2.7V
0.18
0.33
VDIF
Dropout Voltage
IOUT
=100mA
2.8V <
= VOUT <
= 4.0V
0.15
0.25
V
ISS
Supply Current
VIN
−VOUT=1.0V
90
120
μA
Istandby
Standby Current
VIN
−VOUT=1.0V, VCE=GND
0.1
1.0
μA
ΔVOUT/ΔVIN
Line Regulation
IOUT
=30mA,
VOUT+0.5V <
= VIN <
= 6.0V
(VOUT <
= 1.6V: 2.2V <
= VIN <
= 6.0V)
0.02
0.10
%/V
f
=1kHz
70
f
=10kHz
65
RR
Ripple Rejection
sinusoidal Ripple
0.5Vp-p
VIN
−VOUT=1.0V,
IOUT=30mA
∗VOUT <= 1.7V,
VIN
−VOUT=1.2V,
IOUT=30mA
f
=10kHz
(VOUT >
= 2.5V)
60
dB
VIN
Input Voltage
2
6
V
ΔVOUT/ΔTopt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C <= Topt <= 85°C
±100
ppm
/
°C
ISC
Short Current Limit
VOUT
=0V
40
mA
RPD
CE Pull-down Resistance
0.7
2.0
5.0
M
Ω
VCEH
CE Input Voltage “H”
1.5
6.0
V
VCEL
CE Input Voltage “L”
0
0.3
V
en
Output Noise
BW
=10Hz to 100kHz
30
μVrms
RLOW
On Resistance of Nch Tr.
for Auto-discharge
(Applied to B version)
VCE
=0V
50
Ω
*R5324D (SON-8) is the discontinued product. As of March in 2015.


Similar Part No. - R5324K025-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D RICOH-R5324D Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A-TR RICOH-R5324D001A-TR Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
More results

Similar Description - R5324K025-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com