Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1517S341E-E2-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1517S341E-E2-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1517S341E-E2-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1517S341E-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1517S341E-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1517S341E-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1517S341E-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1517S341E-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1517S341E-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1517S341E-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1517S341E-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1517S341E-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
R1517x Series
500 mA 36V Input Low Supply Current LDO
NO. EA−304−170112
1
OUTLINE
R1517x is a CMOS-based LDO that specifically designed featuring 500 mA output current and 36 V input voltage.
In addition to a conventional regulator circuit, R1517x consists of a constant slope circuit as a soft-start function,
a fold-back protection circuit, a short current limit circuit, and a thermal shutdown circuit. Besides the low supply
current by CMOS, the operating temperature is −40°C to 105°C and the maximum input voltage is 36 V, the
R1517x is very suitable for power source of car accessories. R1517x supports the internal fixed output voltage
type of R1517xxxxB/D/E/F and the adjustable output voltage setting type, which is controlled by external
resistances, of R1517x001C. As for the soft-start time, R1517x is fixed internal in R1517xxxxB/C/D and is set to
120 µs (Typ). And the soft-start time in R1517xxxxE/F is adjustable by external capacitors. R1517x supports the
auto-discharge function at standby in R1517xxxxD/F. R1517x is available in two packages for ultra-high wattage:
HSOP-6J and TO-252-5-P2.
FEATURES
Input Voltage Range (Maximum Rating) ················ 3.5 V to 36.0 V (50.0V)
Operating Temperature Range ····························
40°C to 105°C
Supply Current················································· Typ. 18 µA
Standby Current··············································· Typ. 0.1 µA
Dropout Voltage ··············································· Typ. 0.35 V (IOUT = 500 mA, VOUT = 5.0 V)
Output Voltage Accuracy ···································· ±0.8% (VOUT ≤ 5.0 V)
Line Regulation················································ Typ. 0.01%/V
Packages ······················································· HSOP-6J, TO-252-5-P2
Output Voltage Range ······································· R1517xxxxB/D/E/F: 2.5 V/3.3 V/3.4 V/5.0 V/ 8.5V
* Contact Ricoh sales representatives for other voltages.
R1517x001C: Adjustable from 2.5 V to 12.0 V with External
Resistors.
Feedback Voltage: 2.5 V
Built-in Short Current Limit Circuit ························ Typ. 75 mA
Built-in Fold-Back Protection Circuit······················ Min. 500 mA
Built-in Thermal Shutdown Circuit ························ Typ. 160°C
Built-in Soft-start Circuit ····································· Typ.120 µs
R1517xxxxE/F: Adjustable Time Setting with External
Capacitors.
Usable Ceramic Capacitors ································ R1517xxxxB/D/E/F: 0.1 µF or more
R1517x001C: 1.0 µF or more



Similar Part No. - R1517S341E-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1517S341E NISSHINBO-R1517S341E Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO
R1517S341E NISSHINBO-R1517S341E Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
More results

Similar Description - R1517S341E-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Nell Semiconductor Co.,...
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
   Voltage rating up to 1600 V
400PT NELLSEMI-400PT Datasheet
1Mb / 2P
   Voltage rating up to 1800 V
610PT NELLSEMI-610PT Datasheet
1Mb / 6P
   Voltage rating up to 2400 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com