Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1518S331B-E2-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1518S331B-E2-FE
Description  Input Voltage Range (Maximum Rating)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1518S331B-E2-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1518S331B-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1518S331B-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1518S331B-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1518S331B-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1518S331B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1518S331B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1518S331B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1518S331B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1518S331B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
R1518x
NO.EA−329−170112
2
APPLICATIONS
Power source for home appliances such as refrigerators, rice cookers, electric water warmers.
Power source for notebook PCs, digital TVs, telephones, private LAN systems.
Power source for office equipment such as copiers, printers, facsimiles, scanners, and projectors
BLOCK DIAGRAMS
R1518xxxxB
VDD
VOUT
CE
GND
Vref
Internal VR
Soft
Start
Current Limit
Thermal Shutdown
R1518x001C
VDD
VOUT
CE
GND
Vref
Internal VR
VFB
Soft
Start
Current Limit
Thermal Shutdown
R1518xxxxD
VDD
VOUT
CE
GND
Vref
Internal VR
Soft
Start
Current Limit
Thermal Shutdown
R1518xxxxE
VDD
VOUT
CE
GND
Vref
Internal VR
DELAY
Soft
Start
Current Limit
Thermal Shutdown
R1518xxxxF
VDD
VOUT
CE
GND
Vref
Internal VR
DELAY
Soft
Start
Current Limit
Thermal Shutdown


Similar Part No. - R1518S331B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1518S331B-E2-FE NISSHINBO-R1518S331B-E2-FE Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO
More results

Similar Description - R1518S331B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
DRP048V240W1BX DELTA-DRP048V240W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
logo
HB Electronic Component...
PLCC3014-W6 HB-PLCC3014-W6 Datasheet
547Kb / 10P
   Absolute maximum rating
PLCC3014-W3 HB-PLCC3014-W3 Datasheet
551Kb / 10P
   Absolute maximum rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com