Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2350B Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U2350B
Description  PWM Speed Control for Permanent Excited DC Motors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2350B Datasheet(HTML) 6 Page - TEMIC Semiconductors

  U2350B Datasheet HTML 1Page - TEMIC Semiconductors U2350B Datasheet HTML 2Page - TEMIC Semiconductors U2350B Datasheet HTML 3Page - TEMIC Semiconductors U2350B Datasheet HTML 4Page - TEMIC Semiconductors U2350B Datasheet HTML 5Page - TEMIC Semiconductors U2350B Datasheet HTML 6Page - TEMIC Semiconductors U2350B Datasheet HTML 7Page - TEMIC Semiconductors U2350B Datasheet HTML 8Page - TEMIC Semiconductors U2350B Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
U2350B-FP
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
6 (9)
Unit
Max.
Typ.
Min.
Symbol
Test Conditions / Pins
Parameters
Switch S1
Pin 10
Leakage current
V10 = 15.5 V, V8 = 3 V,
V9 = 0 V, V11 = 0 V
IR
1
mA
Saturation voltage
I10 = 2 mA, V8 = 0 V,
V9 = 3 V
VSat
0.25
V
Delay time
Pin 10 – 14
td(r)
td(f)
3
3
ms
Comparator 2
Pin 11
Input current
II
1
mA
Switch-on threshold
VTON
1.12
1.20
1.28
V
Switch-off threshold
VTOFF
1.42
1.50
1.58
V
Delay time (output)
Pin 11 – 14
td
3
ms
Push-pull stage
Pin 14
Saturation voltage
High side
Pin 14 – 16
I14 = –10 mA, V15 = V16
Low side
I14 = 10 mA, V13 = V12
VSatH
VSatL
2.4
1.2
V
Output current limitation
V14 = V12, V11 = 0 V,
V8 = 3 V, V9 = 0 V, t ≤ 1
ms
–IO
100
150
250
mA
V14 = V16 , V8 = 0 V,
V9 = 3 V, t ≤ 1
ms
IO
100
150
250
mA
Rise time
V15 = V16, V13 = V12,
CGate = 1 nF
tr
300
ns
Fall time
CGate = 1 nF
tf
800
ns
Operating indicator
I2 = 5 mA
Saturation voltage
V16 ≤ VSoff or
(V4 ≤ VT100)
Pin 2 – 16
VSat
1.0
V
Voltage limitation
V16 ≥ VSon,
(V4 > VT100)
Pin 2 – 16
Vlimit
6.6
V
Overload outputI
I1 = 5 mA
Saturation voltage
V4 > VT80
Pin 1 – 2
VSat
1.0
V
Voltage limitation
V4 ≤ VT80
Pin 1 – 16
Vlimit
8.6
V
Temperature monitoring
Pin 4
Input current
II
500
nA
80%-threshold
VT80
390
420
450
mV
100%-threshold
VT100
325
350
375
mV
Switch-off threshold
VTOFF
VS – 1.8
V
Operation mode selection
Pin 5
Voltage
Pin 5 open (I5 = 0)
V5
VS/2
Input current
V5 = V16
II
15
mA
p
V5 = V12
–II
15
mA
Oscillator
Input current
Pin 6
II
1
40
mA
Source voltage
I6 = – 10
mA
Pin 6
V6
0.9
V
Upper saw tooth threshold
Pin 7
VTmax
9
V
Lower saw tooth threshold
Pin 7
VTmin
1.8
V


Similar Part No. - U2350B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
U235 INTERSIL-U235 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Keysight Technologies
U2351A KEYSIGHT-U2351A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
logo
TEMIC Semiconductors
U2352 TEMIC-U2352 Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
Keysight Technologies
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
More results

Similar Description - U2350B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CCU2350 RENESAS-CCU2350 Datasheet
468Kb / 12P
   PWM Speed Control for Permanent Excited DC Motors
31-Oct-2019
logo
Dialog Semiconductor
CCU2350 DIALOG-CCU2350 Datasheet
362Kb / 11P
   PWM Speed Control for Permanent Excited DC Motors
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
logo
STMicroelectronics
TDA1154 STMICROELECTRONICS-TDA1154 Datasheet
66Kb / 6P
   SPEED REGULATOR FOR DC MOTORS
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
Toshiba Semiconductor
TC78B016FTG TOSHIBA-TC78B016FTG Datasheet
696Kb / 33P
   3-Phase Sine-Wave PWM Driver for Brushless DC Motors
2017-11-21
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
Toshiba Semiconductor
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
logo
List of Unclassifed Man...
MLX90804 ETC-MLX90804 Datasheet
147Kb / 12P
   Speed regulator for universal motors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com