Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-2746WQ Datasheet(PDF) 1 Page - Mallory performance club

Part # PT-2746WQ
Description  Resonant Frequency (Hz) 4500500
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PT-2746WQ Datasheet(HTML) 1 Page - Mallory performance club

  PT-2746WQ Datasheet HTML 1Page - Mallory performance club PT-2746WQ Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mallory Sonalert Products Inc.
Part #
PT-2746WQ
Sales Outline Drawing
Revision
B
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mallory-sonalert.com
Specifications:
Resonant Frequency (Hz)
4500 ± 500
Operating Voltage Max (Vp-p)
30
Rated Voltage (Vp-p)
5.0
Current Consumption Max. (mA)
1.5 at Rated Voltage
Sound Pressure Level Min. (dB)
90 at 10cm at Rated Voltage
Capacitance (pF)
16,000 ±30% @ 120Hz
Operating Temperature (°C)
-20 ~ +90
Storage Temperature (°C)
-30 ~ +100
Housing
ABS 777D UL94HB plastic resin
(Color: Black)
Leading Wire
28 AWG
Weight (Grams)
4.2
Options
For other options contact factory
Dimensions: (units: mm)
ROHS Compliant


Similar Part No. - PT-2746WQ

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-2746FWQ MSPI-PT-2746FWQ Datasheet
86Kb / 1P
   Sound Pressure Level Min. (dB) 85 at 30cm at Rated Voltage
More results

Similar Description - PT-2746WQ

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-2745WQ MSPI-PT-2745WQ Datasheet
87Kb / 1P
   Resonant Frequency (Hz) 4500 짹 500
PT-1520PQ MSPI-PT-1520PQ Datasheet
105Kb / 1P
   Resonant Frequency (Hz) 2000 짹 500
PT-2020PQ MSPI-PT-2020PQ Datasheet
87Kb / 1P
   Resonant Frequency (Hz) 2000 짹 500
PT-2030P-PQ MSPI-PT-2030P-PQ Datasheet
105Kb / 1P
   Resonant Frequency (Hz) 2000 짹 500
PT-2725PQ MSPI-PT-2725PQ Datasheet
88Kb / 1P
   Resonant Frequency (Hz) 2500 짹 500
PT-3110P-05Q MSPI-PT-3110P-05Q Datasheet
100Kb / 1P
   Resonant Frequency (Hz) 1100 짹 500
PT-3110WQ MSPI-PT-3110WQ Datasheet
88Kb / 1P
   Resonant Frequency (Hz) 1100 짹 500
logo
Mallory performance clu...
PT-2726WQ MALLORY-PT-2726WQ Datasheet
326Kb / 2P
   Resonant Frequency (Hz) 2500 짹 500
logo
Mallory Sonalert Produc...
PT-1245P-PQ MSPI-PT-1245P-PQ Datasheet
94Kb / 1P
   Resonant Frequency (Hz) 4000 짹 500
PT-1540PM-P3.5Q MSPI-PT-1540PM-P3.5Q Datasheet
88Kb / 1P
   Resonant Frequency (Hz) 4000 짹 500
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com