Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CDP1854 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. CDP1854
Description  High Reliability CMOS Programmable Universal Asynchronous Receiver/Transmitter (UART)
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 2 page
background image
5-63
Absolute Maximum Ratings
Thermal Information
DC Supply-Voltage Range, (VDD)
(All voltages referenced to VSS terminal)
CDP1854A/3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 to +11V
CDP1854AC/3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . . -0.5 to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Device Dissipation Per Output Transistor
For TA = Full Package-Temperature Range . . . . . . . . . . . 100mW
Operating-Temperature Range (TA)
Package Type D. . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55oC to +125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
55
15
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150oC
Maximum Storage Temperature Range (TSTG) . . .-65
oC to +150oC
Maximum Lead Temperature (Soldering 10s)
At Distance 1/16
±1/32 inch (1.59 ±0.79mm) . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Static Electrical Specifications
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
-55oC, +25oC
+125oC
MIN
MAX
MIN
MAX
Quiescent Device Current
IDD
-
0, 5
5
-
500
-
1000
µA
-
0, 10
10
-
500
-
1000
µA
Output Low Drive
(Sink) Current
IOL
0.4
0, 5
5
0.75
-
0.5
-
mA
0.5
0, 10
10
1.80
-
1.2
-
mA
Output High Drive
(Source) Current
IOH
4.6
0, 5
5
-
-0.5
-
-0.35
mA
9.5
0, 10
10
-
-1.0
-
-0.70
mA
Output Voltage Low-Level
(Note 1)
VOL
-
0, 5
5
-
0.1
-
0.2
V
-
0, 10
10
-
0.1
-
0.2
V
Output Voltage
High Level (Note 1)
VOH
-
0, 5
5
4.9
-
4.9
-
V
-
0, 10
10
9.9
-
9.8
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
1.5
-
1.5
V
0.5, 9.5
-
10
-
3
-
3
V
Input High Voltage
VIH
0.5, 4.5
-
5
3.5
-
3.5
-
V
0.5, 9.5
-
10
7
-
7
-
V
Input Leakage Current
IIN
-
0, 5
5
-
±1-
±5
µA
-
0, 10
10
-
±1-
±5
µA
Three-State Output
Leakage Current
IOUT
0, 5
0, 5
5
-
±1-
±10
µA
0, 10
0, 10
10
-
±1-
±10
µA
Input Capacitance (Note 1)
CIN
----
10
-
10
pF
Output Capacitance (Note 1)
COUT
----
15
-
15
pF
NOTE:
1. Guaranteed but not tested.
CDP1854A/3, CDP1854AC/3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreHarris Corporation
HD-6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
CDP1854AProgrammable Universal Asynchronous Receiver/Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
HD-6402883CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
HD-6402CMOS Universal Asynchronous Receiver Transmitter UART 1 2 3 4 5 MoreIntersil Corporation
CDP6402CMOS Universal Asynchronous Receiver/Transmitter UART 1 2 3 4 5 MoreHarris Corporation
ST16C450UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART 1 2 3 4 5 MoreExar Corporation
IS61LV25616256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IS64LV51216512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
82C37CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl