Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC164230XBG Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC164230XBG
Description  3-Pin One-Cell Step-Up DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC164230XBG Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC164230XBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC164230XBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC164230XBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC164230XBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC164230XBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC164230XBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC164230XBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC164230XBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC164230XBG Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AIC1642
3-Pin One-Cell Step-Up DC/DC Converter
Analog Integrations Corporation
4F, 9 Industry E. 9th Rd, Science-Based Industrial Park, Hsinchu, Taiwan
DS-1642-01 012102
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
l
A Guaranteed Start-Up from less than 0.9 V.
l
High Efficiency.
l
Low Quiescent Current.
l
Less Number of External Components needed.
l
Low Ripple and Low Noise.
l
Fixed Output Voltage: 2.7V, 3.0V, 3.3V, and 5V.
l
Space Saving Packages: SOT-89 and TO-92
APPLICATIONS
l
Pagers.
l
Cameras.
l
Wireless Microphones.
l
Pocket Organizers.
l
Battery Backup Suppliers.
l
Portable Instruments.
DESCRIPTION
The AIC1642 is a high efficiency step-up
DC/DC converter for applications using 1 to 4
battery cells. Only three external components
are required to deliver a fixed output voltage of
2.7V, 3.0V, 3.3V, or 5V. The AIC1642 starts up
from less than 0.9V input with 1mA load. Pulse
Frequency Modulation scheme brings optimized
performance for applications with light output
loading and low input voltages. The output rip-
ple and noise are lower compared with the cir-
cuits operating in PSM mode.
The PFM control circuit operating in 100KHz
(max.) switching rate results in smaller passive
components. The space saving SOT-89 and
TO-92 packages make the AIC1642 is an ideal
choice of DC/DC converter for space conscious
applications, like pagers, electronic cameras,
and wireless microphones.
TYPICAL APPLICATION CIRCUIT
D1
GS SS12
VOUT
SW
GND
AIC1642-27
AIC1642-30
AIC1642-33
AIC1642-50
C2
22
µF
+
VOUT
L1
100
µH
VIN
+
C1
47
µF
One Cell Step-Up DC/DC Converter


Similar Part No. - AIC164230XBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CN AIC-AIC1640-30CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CS AIC-AIC1640-30CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CN AIC-AIC1640-33CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CS AIC-AIC1640-33CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC164230XBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Fairchild Semiconductor
ILC6363 FAIRCHILD-ILC6363 Datasheet
158Kb / 14P
   Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
logo
Silicon Standard Corp.
SS6642G SSC-SS6642G Datasheet
1Mb / 22P
   3-Pin Simple Step-Up DC/DC Converter
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com