Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC164250XTB Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC164250XTB
Description  3-Pin One-Cell Step-Up DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC164250XTB Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC164250XTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 9Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 10Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 11Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 12Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 13Page - Analog Intergrations Corporation AIC164250XTB Datasheet HTML 14Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AIC1642
10
APPLICATION INFORMATION
GENERAL DESCRIPTION
AIC1642 PFM (pulse frequency modulation) control-
ler ICs combine a switch mode regulator, N-channel
power MOSFET, precision voltage reference, and
voltage detector in a single monolithic device. They
offer extreme low quiescient current, high efficiency,
and very low gate threshold voltage to ensure start-
up with low battery voltage (0.8V typ.). Designed to
maximize battery life in portable products, and
minimize switching losses by only switching as
needed service the load.
PFM controllers transfer a discrete amount of en-
ergy per cycle and regulate the output voltage by
modulating switching frequency with the constant
turn-on time. Switching frequency depends on load,
input voltage, and inductor value, and it can range
up to 100KHz. The SW on-resistance is typically 1.9
to 2.2
Ω to minimize switch losses.
When the output voltage drops, the error compara-
tor enables 100kHz oscillator that turns on the
MOSFET around 7.5us and 2.5us off time. Turning
on the MOSFET allows inductor current to ramp up,
storing energy in a magnetic field. When MOSFET
turns off that force inductor current through diode to
the output capacitor and load. As the stored energy
is depleted, the current ramp down until the diode
turns off. At this point, inductor may ring due to re-
sidual energy and stray capacitance. The output ca-
pacitor stores charge when current flowing through
the diode is high, and release it when current is low,
thereby maintaining a steady voltage across the
load.
As the load increases, the output capacitor dis-
charges faster and the error comparator initiates cy-
cles sooner, increasing the switching frequency.
The maximum duty cycle ensure adequate time for
energy transfer to output during the second half
each cycle. Depending on circuit, PFM controller
can operate in either discontinuous mode or con-
tinuous conduction mode. Continuous conduction
mode means that the inductor current does not
ramp to zero during each cycle.
+
VIN
SW
V
OUT
EXT
I
D
I
OUT
Isw
Ico
I
IN
I
PK
I
IN
VEXT
ISW
IOUT
TDIS
Charge Co.
V
SW
Discharge Co.
I
D
t
Discontinuous Conduction Mode


Similar Part No. - AIC164250XTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CN AIC-AIC1640-30CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CS AIC-AIC1640-30CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CN AIC-AIC1640-33CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CS AIC-AIC1640-33CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC164250XTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Fairchild Semiconductor
ILC6363 FAIRCHILD-ILC6363 Datasheet
158Kb / 14P
   Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
logo
Silicon Standard Corp.
SS6642G SSC-SS6642G Datasheet
1Mb / 22P
   3-Pin Simple Step-Up DC/DC Converter
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com