Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17690ATE+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17690ATE+
Description  4.5V to 60V Input Voltage Range
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17690ATE+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17690ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 11Page - Maxim Integrated Products MAX17690ATE+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MAX17690
60V, No-Opto Isolated Flyback Controller
www.maximintegrated.com
Maxim Integrated │ 8
Pin Description (continued)
PIN
NAME
FUNCTION
6
TC
Output Voltage Temperature Compensation. Connect the resistor RTC from the TC pin to SGND to set the
temperature compensation. Current through TC pin is given by 0.55/RTC.
7
VCM
Common-Mode Voltage Selector for Internal Zero Current Detector Block. Connect a resistor RVCM from
the VCM pin to SGND. See the Selection of RVCM Resistor section for selecting an appropriate RVCM
resistor.
8
RIN
A current proportional to VIN flows through RIN resistor. Connect a resistor RRIN from the RIN pin to
SGND.
9
COMP
Error Amplifier Output. Connect the frequency compensation network between COMP and SGND.
10
SS
Soft-Start. Connect a capacitor CSS from the SS pin to SGND to program the soft-start time interval. Pullup
current at this pin is 5µA.
11
RT
Switching Frequency Programming Resistor. Connect a resistor RRT from RT to SGND to set the PWM
switching frequency. This pin is regulated to 1.215V. See the Switching Frequency section for selecting an
appropriate RRT resistor.
12
SGND
Signal Ground.
13
CS
Current Sense Input. See the Setting Peak Current Limit section for selecting an RCS resistor.
14
PGND
Power Ground.
15
NDRV
Driver Output. Connect this pin to the external MOSFET gate. Switches between INTVCC to PGND.
16
INTVCC
Linear Regulator Output and Driver Input. Connect a minimum of 2.2μF bypass capacitor from INTVCC pin
to PGND as close as possible to the MAX17690 IC. This pin is typically regulated to 7V.
EP
Exposed Pad. Connect this pin to the signal ground plane.


Similar Part No. - MAX17690ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17690ATE++ MAXIM-MAX17690ATE+ Datasheet
802Kb / 22P
   60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
More results

Similar Description - MAX17690ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
   Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
logo
Guangdong Youtai Semico...
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
   Wide input voltage range 4.5V to 40V
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BBEVKIT MAXIM-MAX17498BBEVKIT_V01 Datasheet
1Mb / 6P
   4.5V to 10V Input Range
2013
logo
Gamma Microelectronics ...
GM7230HV GAMMA-GM7230HV Datasheet
546Kb / 9P
   Input voltage range up to 60V
logo
Maxim Integrated Produc...
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
   4.5V to 28V Input Range
Rev 0; 4/11
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
   Wide Operating Input Voltage Range : 4.5V to 24V
logo
Maxim Integrated Produc...
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
   Wide 4.5V to 36V Input Range
Rev 0; 3/19
MAX15162TAEVKIT MAXIM-MAX15162TAEVKIT Datasheet
768Kb / 14P
   8V to 60V Wide Input Voltage Range
Rev 0; 1/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com