Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17245ETESA+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17245ETESA+
Description  Eliminates External Components and Reduces
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17245ETESA+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17245ETESA+ Datasheet HTML 1Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 2Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 3Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 4Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 5Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 6Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX17245ETESA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
(VSUP = VSUPSW = 14V, VEN = 14V, L1 = 2.2µH, CIN = 4.7µF, COUT = 22µF, CBIAS = 1µF, CBST = 0.1µF, RFOSC = 12kΩ,
TA = TJ = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE (OUT)
PWM Mode Output Voltage
VOUT_5V
VFB = VBIAS, 6V < VSUPSW < 36V,
fixed-frequency mode (Notes 4, 5)
4.9
5
5.1
V
VOUT_3.3V
3.234
3.3
3.366
PFM Mode Output Voltage
VOUT_PFM_5V No load, VFB = VBIAS, PFM mode
(Note 6)
4.9
5
5.15
V
VOUT_PFM_3.3V
3.234
3.3
3.4
Load Regulation
VFB = VBIAS, 300mA < ILOAD < 3.5A
0.5
%
Line Regulation
VFB = VBIAS, 6V < VSUPSW < 36V
(Note 5)
0.02
%/V
BST Input Current
IBST_ON
High-side MOSFET on, VBST - VLX = 5V
1
1.5
2
mA
IBST_OFF
High-side MOSFET off, VBST - VLX = 5V,
TA = +25°C
5
µA
LX Current Limit
ILX
Peak inductor current
4.2
5.2
6.2
A
LX Rise Time
RFOSC = 12kΩ
4
ns
PFM Mode Current Threshold
IPFM_TH
TA = +25°C
200
400
500
mA
Spread Spectrum
Spread spectrum enabled
fOSC ±6%
High-Side Switch
On-Resistance
RON_H
ILX = 1A, VBIAS = 5V
100
220
High-Side Switch Leakage
Current
High-side MOSFET off, VSUP = 36V,
VLX = 0V, TA = +25°C
1
3
µA
Low-Side Switch
On-Resistance
RON_L
ILX = 0.2A, VBIAS = 5V
1.5
3
Ω
Low-Side Switch
Leakage Current
VLX = 36V, TA = +25°C
1
µA
TRANSCONDUCTANCE AMPLIFIER (COMP)
FB Input Current
IFB
20
100
nA
FB Regulation Voltage
VFB
FB connected to an external resistor
divider, 6V < VSUPSW < 36V (Note 7)
0.99
1.0
1.015
V
FB Line Regulation
∆VLINE
6V < VSUPSW < 36V
0.02
%/V
Transconductance
(from FB to COMP)
gm
VFB = 1V, VBIAS = 5V
700
µS
Minimum On-Time
tON_MIN
(Note 5)
80
ns
Maximum Duty Cycle
DCMAX
98
%
OSCILLATOR FREQUENCY
Oscillator Frequency
RFOSC = 73.2kΩ
340
400
460
kHz
RFOSC = 12kΩ
2.0
2.2
2.4
MHz
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 3
MAX17245
3.5V–36V, 3.5A, Synchronous Buck Converter With
28μA Quiescent Current and Reduced EMI


Similar Part No. - MAX17245ETESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17245EVKIT MAXIM-MAX17245EVKIT Datasheet
2Mb / 13P
   Wide 6V to 36V Input Supply Range
Rev 0; 3/16
More results

Similar Description - MAX17245ETESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
   Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
logo
List of Unclassifed Man...
4171900XX-3 ETC2-4171900XX-3 Datasheet
2Mb / 3P
   Eliminates film judder and reduces blur caused by latent
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
ILA7056 IKSEMICON-ILA7056 Datasheet
148Kb / 4P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com