Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17233ETIR+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17233ETIR+
Description  Eliminates External Components and Reduces Total Cost
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17233ETIR+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17233ETIR+ Datasheet HTML 2Page - Maxim Integrated Products MAX17233ETIR+ Datasheet HTML 3Page - Maxim Integrated Products MAX17233ETIR+ Datasheet HTML 4Page - Maxim Integrated Products MAX17233ETIR+ Datasheet HTML 5Page - Maxim Integrated Products MAX17233ETIR+ Datasheet HTML 6Page - Maxim Integrated Products MAX17233ETIR+ Datasheet HTML 7Page - Maxim Integrated Products MAX17233ETIR+ Datasheet HTML 8Page - Maxim Integrated Products MAX17233ETIR+ Datasheet HTML 9Page - Maxim Integrated Products MAX17233ETIR+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
(TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
QUIESCIENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0 20 40 60 80 100 120 140
-20
20
10
50
40
30
60
0
-60 -40
VEN1 = VBAT
VEN2 = 0V
EXTVCC = VOUT1
VEN1 = 0V
VEN2 = VBAT
EXTVCC = VOUT2
NO LOAD STARTUP SEQUENCE
(VFSYNC = 0V)
toc01
VBAT
5V/div
VOUT1
2V/div
VOUT2
2V/div
VPGOOD1
5V/div
VPGOOD2
5V/div
2ms/div
BUCK1 EFFICIENCY
IOUT1 (A)
1.0E+00
1.0E-02
1.0E-04
10
20
30
40
50
60
70
80
90
100
0
1.0E-06
1.0E-01
1.0E-03
1.0E-05
1.0E+01
fSW = 2.2MHz
L = 2.2µH
VBAT = 14V
VOUT1 = 5V
SKIP MODE
EXTVCC = VOUT1
EXTVCC
= GND
EXTVCC
= VOUT2
EXTVCC
= GND
PWM MODE
QUIESCIENT CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
15 20 25 30 35 40
10
20
10
70
60
50
40
30
80
0
0
5
BUCK 1
EXTVCC = VOUT1
BUCK 2
EXTVCC = VOUT2
FULL LOAD STARTUP SEQUENCE
(VFSYNC = 0V)
toc02
VBAT
5V/div
VOUT1
2V/div
VOUT2
2V/div
IOUT1
2A/div
IOUT2
2A/div
VPGOOD1
5V/div
VPGOOD2
5V/div
4ms/div
BUCK2 EFFICIENCY
IOUT2 (A)
1.0E+00
1.0E-02
1.0E-04
10
20
30
40
50
60
70
80
90
100
0
1.0E-06
1.0E-01
1.0E-03
1.0E-05
1.0E+01
fSW = 2.2MHz
L = 2.2µH
VBAT = 14V
VOUT2 = 3.3V
SKIP MODE
PWM MODE
EXTVCC = VOUT2
EXTVCC
= GND
EXTVCC
= VOUT2
EXTVCC
= GND
MAX17232/MAX17233
3.5V–36V, 2.2MHz, Synchronous Dual Buck
Controller with 20µA Quiescent Current
Maxim Integrated │ 6
www.maximintegrated.com


Similar Part No. - MAX17233ETIR+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17233ETI_++ MAXIM-MAX17233ETI_+ Datasheet
1Mb / 24P
   3.5V??6V, 2.2MHz, Synchronous Dual Buck Con with 20關A Quiescent Current
2017
More results

Similar Description - MAX17233ETIR+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
logo
List of Unclassifed Man...
HP04S ETC2-HP04S Datasheet
129Kb / 4P
   Low cost and no external components required.
4171900XX-3 ETC2-4171900XX-3 Datasheet
2Mb / 3P
   Eliminates film judder and reduces blur caused by latent
logo
Sanken electric
SPF8033J SANKEN-SPF8033J Datasheet
208Kb / 1P
   External components
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
[Old version datasheet]   No External Components
logo
IXYS Corporation
CPC5712 IXYS-CPC5712 Datasheet
233Kb / 11P
   Minimum External Components
logo
IK Semicon Co., Ltd
ILA7052N IKSEMICON-ILA7052N Datasheet
149Kb / 3P
   No external components
ILA7053N IKSEMICON-ILA7053N Datasheet
330Kb / 6P
   No external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com