Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV27L2CD Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV27L2CD
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV27L2CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV27L2CD Datasheet HTML 3Page - Texas Instruments TLV27L2CD Datasheet HTML 4Page - Texas Instruments TLV27L2CD Datasheet HTML 5Page - Texas Instruments TLV27L2CD Datasheet HTML 6Page - Texas Instruments TLV27L2CD Datasheet HTML 7Page - Texas Instruments TLV27L2CD Datasheet HTML 8Page - Texas Instruments TLV27L2CD Datasheet HTML 9Page - Texas Instruments TLV27L2CD Datasheet HTML 10Page - Texas Instruments TLV27L2CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TLV27L1
TLV27L2
SLOS378A – SEPTEMBER 2001 – REVISED JULY 2003
7
www.ti.com
TYPICAL CHARACTERISTICS
Figure 13
0
5
10
15
0
5
10
15
20
25
30
0
5
10
15
40
t – Time – ms
SUPPLY VOLTAGE AND
SUPPLY CURRENT RAMP UP
VS
VO
IQ
VS = 0 to 15 V,
RL = 100 Ω,
CL = 10 pF,
TA = 25°C
Figure 14
–20
0
20
40
60
80
100
120
0.1
1
10
100
1 k
10 k
100 k 1 M
0
°
30
°
60
°
90
°
120
°
150
°
180
°
VS = 5 V
RL = 100 kΩ
CL = 10 pF
TA = 25°C
f – Frequency – Hz
DIFFERENTIAL VOLTAGE GAIN
AND PHASE SHIFT
vs
FREQUENCY
Figure 15
100
110
120
130
140
150
160
170
–40 –25 –10 5
20 35 50 65 80 95 110 125
TA – Free-Air Temperature – °C
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
VS = 2.7 V
VS = 5 V
Figure 16
0
10
20
30
40
50
60
70
80
10
100
1000
CL – Load Capacitance – pF
PHASE MARGIN
vs
LOAD CAPACITANCE
VS = 5 V
RL = 100 kΩ
TA = 25°C
Figure 17
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1 k
10 k
100 k
1 M
VS = 5 V
TA = 25°C
f – Frequency – Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
Figure 18
0
10
20
30
40
50
60
70
80
90
100
10
100
1 k
10 k
100 k
1 M
VS =±2.5 V
TA = 25°C
f – Frequency – Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
Figure 19
0
50
100
150
200
250
1
10
100
1 k
10 k
100 k
VS = 5 V,
G = 2,
RF = 100 kΩ
f – Frequency – Hz
INPUT REFERRED NOISE VOLTAGE
vs
FREQUENCY
Figure 20
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
–40 –25 –10 5
20 35 50 65 80 95 110 125
TA – Free-air Temperature – °C
SLEW RATE
vs
FREE-AIR TEMPERATURE
SR+
SR–
VS = 5 V
Gain = 1
VO = 1
RL = 100 kΩ
CL = 50 pF


Similar Part No. - TLV27L2CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV27L2CD TI1-TLV27L2CD Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L2CDGK TI1-TLV27L2CDGK Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L2CDGKR TI1-TLV27L2CDGKR Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L2CDR TI1-TLV27L2CDR Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
TLV27L2CDRG4 TI1-TLV27L2CDRG4 Datasheet
831Kb / 22P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV27L2CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com