Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1121N30A1-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1121N30A1-TR-FE
Description  LOW NOISE 150mA LDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1121N30A1-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1121N30A1-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1121N30A1-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1121N30A1-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1121N30A1-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1121N30A1-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1121N30A1-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1121N30A1-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1121N30A1-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1121N30A1-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
R1121N
8
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
R1121N181B
R1121N301B
2.0
1.8
1.6
1.0
0.8
0.6
0.4
0.2
1.4
1.2
0.0
Output Current IOUT (mA)
0
200
300
400
500
100
3.8V
2.8V
2.3V
VIN = 2.1V
Topt = 25
°C
3.5
2.5
1.5
1.0
0.5
2.0
3.0
0.0
Output Current IOUT (mA)
0
200
300
400
500
100
5.0V
4.0V
3.5V
VIN = 3.3V
Topt = 25
°C
R1121N401B
R1121N501B
5.0
4.5
4.0
2.5
2.0
1.5
1.0
0.5
3.5
3.0
0.0
Output Current IOUT (mA)
0
200
300
400
500
100
6.0V
5.0V
4.5V
VIN = 4.3V
Topt = 25
°C
6.0
5.0
3.0
2.0
1.0
4.0
0.0
Output Current IOUT (mA)
0
200
300
400
500
100
7.0V
6.0V
5.5V
VIN = 5.3V
Topt = 25
°C
2) Output Voltage vs. Input Voltage
R1121N181B
R1121N301B
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.2
1.3
Input Voltage VIN (V)
1.0
4.0
5.0
6.0
7.0
8.0
2.0
3.0
IOUT = 1mA
30mA
50mA
Topt = 25
°C
3.1
3.0
2.9
2.8
2.7
2.5
2.6
Input Voltage VIN (V)
2.0
4.0
5.0
6.0
7.0
8.0
3.0
Topt = 25
°C
30mA
50mA
IOUT=1mA


Similar Part No. - R1121N30A1-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1121N301A RICOH-R1121N301A Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N301A-TL RICOH-R1121N301A-TL Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N301A-TR RICOH-R1121N301A-TR Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N301B RICOH-R1121N301B Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
R1121N301B-TL RICOH-R1121N301B-TL Datasheet
135Kb / 16P
   LOW NOISE 150mA LDO REGULATOR???
More results

Similar Description - R1121N30A1-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com