Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1190S030B-E2-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1190S030B-E2-FE
Description  1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1190S030B-E2-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1190S030B-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1190S030B-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1190S030B-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1190S030B-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1190S030B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1190S030B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1190S030B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1190S030B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1190S030B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
R1190x SERIES
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
NO.EA-183-161011
1
OUTLINE
The R1190x series are a low supply current voltage regulator with high output voltage accuracy. The maximum
operating voltage is 16V and the output current is 1A. Each of these ICs consists of a voltage reference unit, an
error amplifier, a resistor-net for voltage setting, as a short current protection, a peak current protection, a thermal
shutdown, an inrush current limit and a chip enable circuit. The wide input voltage range (Max. 16V). Additionally,
the output voltage is fixed internally, in the range from 2.0V to 12.0V by the 0.1V steps. The supply current of
R1190x series is excellent (Typ. 150
µA) moreover R1190x series has the standby mode (Typ. 0.1µA) by the chip
enable function.
Since the package for these ICs are TO-252-5-P2, SOT-89-5 and HSOP-6J with high power dissipation, high
density mounting of the ICs on boards is possible.
FEATURES
• Input Voltage Range ............................................. 3.5V to 16V
• Supply Current ......................................................Typ. 150µA
• Standby Current....................................................Typ. 0.1µA
• Output Voltage Range........................................... 2.0V to 12.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy.......................................±1.5%
• Temperature-Drift Coefficient of Output Voltage ...Typ. ±100ppm/°C
• Dropout Voltage ....................................................Typ. 1.1V (IOUT=1A, VOUT=5V)
• Output Current ......................................................Min. 1A (3.3V ≤ VOUT ≤ 12.0V)
• Line Regulation .....................................................Typ. 0.02%/V
• Packages ..............................................................SOT-89-5, HSOP-6J, TO-252-5-P2
• Built-in Fold Back Protection Circuit ..................... Typ.300mA (Current at short mode)
• Built-in Thermal Shutdown Circuit
• Built-in Inrush Current Limit Circuit ....................... The Delay Pin for setting Inrush Current Limit Time
APPLICATIONS
• Power source for digital home appliances.
• Power source for audio visual equipments.


Similar Part No. - R1190S030B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1190S120-E2-FE NISSHINBO-R1190S120-E2-FE Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
More results

Similar Description - R1190S030B-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
   1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
R1501X NISSHINBO-R1501X Datasheet
2Mb / 28P
   1A LDO REGULATOR (Operating Voltage up to 24V)
logo
Maxim Integrated Produc...
MAX20020EVKIT MAXIM-MAX20020EVKIT Datasheet
107Kb / 1P
   3.5V to 16V Operating Supply Voltage
MAX20019EVKIT MAXIM-MAX20019EVKIT Datasheet
107Kb / 1P
   3.5V to 16V Operating Supply Voltage
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
R1500X NISSHINBO-R1500X Datasheet
2Mb / 27P
   500 mA LDO REGULATOR (Operating Voltage up to 24 V)
logo
Unisonic Technologies
M293010 UTC-M293010 Datasheet
148Kb / 4P
   1A, LOW-DROPOUT, 1.0~16V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com