Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1173H251B-T1-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1173H251B-T1-FE
Description  Super low on resistance/Low voltage LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1173H251B-T1-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1173H251B-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1173H251B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1173H251B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1173H251B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1173H251B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1173H251B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1173H251B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1173H251B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1173H251B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
R1173x
5
HSOP-6J
Pin No.
Symbol
Description
1
VOUT
Output Pin
2
GND*
1
Ground Pin
ADJ
ADJUST Pin (R1173S001x)
3
NC
No Connection (R1173Sxx1x)
4
CE
Chip Enable Pin ("H" Active)
5
GND*
1
Ground Pin
6
VDD
Input Pin
∗1) The GND pin must be wired together when it is mounted on board.
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.5
V
VCE
Input Voltage (CE Input Pin)
−0.3 to 6.5
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
Power Dissipation (SOT-89-5)*
900
Power Dissipation (HSON-6)*
900
PD
Power Dissipation (HSOP-6J)*
1700
mW
Topt
Operating Temperature
−40 to 85
°C
Tstg
Storage Temperature
−55 to 125
°C
∗) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field.
The functional operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - R1173H251B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173H251B RICOH-R1173H251B Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
R1173H251B RICOH-R1173H251B Datasheet
106Kb / 1P
   SERIES MARK SPECIFICATION
More results

Similar Description - R1173H251B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com