Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1173D251D-TR-FE Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1173D251D-TR-FE
Description  Super low on resistance/Low voltage LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1173D251D-TR-FE Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1173D251D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1173D251D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1173D251D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1173D251D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1173D251D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1173D251D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1173D251D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1173D251D-TR-FE Datasheet HTML 12Page - RICOH electronics devices division R1173D251D-TR-FE Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
R1173x
9
Technical Notes on Output Voltage Setting of Adjustable Output type
(R1173x001x)
GND
ADJ
RIC
R3
IIC
I2
I3
R2
1.0V
VOUT
VOUT
The Output Voltage may be adjustable for any output voltage between its 1.0V reference and its VDD setting
level. An external pair of resistors is required, as shown above.
The complete equation for the output voltage is described step by step as follows;
I2
=IIC+I3..................................................................................................................................... (1)
I3
=1.0/R3 .................................................................................................................................. (2)
Thus,
I2
=IIC+1.0/R3 ............................................................................................................................. (3)
Therefore,
VOUT
=1.0+R2×I2 ........................................................................................................................ (4)
Put Equation (3) into Equation (4), then
VOUT
=1.0+R2(IIC+1.0/R3)
=1.0(1+R2/R3)+R2×IIC ....................................................................................................... (5)
In 2nd term, or R2
×IIC will produce an error in VOUT.
In Equation (5),
IIC
=1.0/RIC .................................................................................................................................. (6)
R2
×IIC=R2×1.0/RIC
=1.0×R2/RIC..................................................................................................................... (7)
For better accuracy, choosing R2 (<<RIC) reduces this error.
R1173x001x
0.8
1.4
1.2
1.0
2.0
1.8
1.6
-50
-25
25
75
50
0
100
Temperature Topt (
°C)
∗) The graph is a typical
characteristic , please
evaluate the circuit with
an actual condition.


Similar Part No. - R1173D251D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1173D251D RICOH-R1173D251D Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
More results

Similar Description - R1173D251D-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1173X NISSHINBO-R1173X Datasheet
1Mb / 38P
   Super low on resistance/Low voltage LDO
logo
RICOH electronics devic...
R1173H081B RICOH-R1173H081B Datasheet
656Kb / 33P
   Super low on resistance/Low voltage LDO
R1172 RICOH-R1172 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
R1172N081A RICOH-R1172N081A Datasheet
838Kb / 36P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Nisshinbo Micro Devices...
R1172X NISSHINBO-R1172X Datasheet
519Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
RICOH electronics devic...
R1172N081 RICOH-R1172N081_17 Datasheet
446Kb / 25P
   SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO
logo
Unisonic Technologies
LR9273 UTC-LR9273_17 Datasheet
287Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9273 UTC-LR9273 Datasheet
285Kb / 9P
   SUPER LOW ON RESISTANCE/LOW VOLTAGE 1A LDO REGULATOR
LR9272G-XX-AA3-C-R UTC-LR9272G-XX-AA3-C-R Datasheet
220Kb / 5P
   SUPER LOW ON RESISTANCE
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com