Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1170D351B-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1170D351B-TR-FE
Description  800mA LDO REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1170D351B-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1170D351B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1170D351B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1170D351B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1170D351B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1170D351B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1170D351B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1170D351B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1170D351B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1170D351B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
R1170x
3
PIN CONFIGURATION
HSON-6
SOT-89-5
HSOP-6J
Top View
Bottom View
6
5
4
4
5
6
1
2
3
3
2
1
13
54
2
1
3
6
4
2
5
PIN DESCRIPTION
HSON-6
Pin No
Symbol
Description
1
VOUT
*1
Voltage Regulator Output Pin
2
VOUT
*1
Voltage Regulator Output Pin
3
CE or CE
Chip Enable Pin
4
GND
Ground Pin
5
VDD
*1
Input Pin
6
VDD
*1
Input Pin
∗) Tab and tab suspension leads in the
parts are GND level.
(They are connected to the reverse side of the IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
The tab suspension leads should be open and do not connect to other wires or land patterns.
∗1) The VOUT pin and VDD pin must be wired each other when it is mounted on board.
SOT-89-5
Pin No
Symbol
Description
1
CE or CE
Chip Enable Pin
2
GND
Ground Pin
3
NC
No Connection
4
VDD
Input Pin
5
VOUT
Voltage Regulator Output Pin


Similar Part No. - R1170D351B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170D351B-T1 RICOH-R1170D351B-T1 Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
R1170D351B-T2 RICOH-R1170D351B-T2 Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
More results

Similar Description - R1170D351B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com