Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1154N100B-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1154N100B-TR-FE
Description  150mA Voltage Regulator (Wide Input Voltage Range)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1154N100B-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1154N100B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1154N100B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1154N100B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1154N100B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1154N100B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1154N100B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1154N100B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1154N100B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1154N100B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
R1154x
8
ELECTRICAL CHARACTERISTICS
R1154xxxxB
Topt
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
24
V
VOUT
Output Voltage
VIN
VSET2.0V, IOUT20mA
0.98
1.02
V
IOUT
Output Current
VIN
VSET2.0V
Refer to the following table
ISS
Supply Current
VIN
VCE, VINVSET2.0V
5
10
A
Istandby
Standby Current
VIN
24V, VCE0V
0.1
1.0
A
VOUT/
IOUT
Load regulation
VIN
VSET2.0V,
1mA
 IOUT  40mA
Refer to the following table
VOUT/
VIN
Line regulation
IOUT
20mA
VSET
1V  VIN  24V
0.05
0.20
%/V
VDIF
Dropout Voltage
IOUT
20mA
Refer to the following table
VOUT/
Topt
Output Voltage
Temperature Coefficient
VIN
VSET2.0V, IOUT20mA
40°C  Topt  105°C
100
ppm/
C
ISC
Short Current Limit
VOUT
0V
45
mA
VCEH
CE “H” Input Voltage
2.1
VIN
V
VCEL
CE “L” Input Voltage
0
0.3
V
TSD
Thermal Shutdown
Temperature
Junction Temperature
150
C
TSR
Thermal Shutdown
Released Temperature
Junction Temperature
125
C
Output Current (Topt25°C)
Set Output Voltage
VSET (V)
Output Current (mA)
Min.
2.5
 VSET  2.9
140
3.0
 VSET  12.0
150
Load Regulation (Topt25°C)
Set Output Voltage
VOUT (V)
Load Regulation (mV)
Typ.
Max.
2.5
 VSET  3.0
20
50
3.1
 VSET  5.0
30
75
5.1
 VSET  12.0
40
115
Dropout Voltage (Topt25°C)
Set Output Voltage
VOUT (V)
Dropout Voltage (V)
Typ.
Max.
2.5
 VSET  7.0
0.20
0.40
7.1
 VSET  10.0
0.25
0.50
10.1
 VSET  12.0
0.30
0.55


Similar Part No. - R1154N100B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N100B RICOH-R1154N100B Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results

Similar Description - R1154N100B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com