Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1154N075B-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1154N075B-TR-FE
Description  150mA Voltage Regulator (Wide Input Voltage Range)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1154N075B-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1154N075B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1154N075B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1154N075B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1154N075B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1154N075B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1154N075B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1154N075B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1154N075B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1154N075B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
R1154x
3
PIN CONFIGURATION
DFN1616-6
SOT-23-5
SOT-89-5
Top View
3
4
2
5
1
6
Bottom View
1
6
2
5
3
4
1
4
5
23
(mark side)
13
54
2
PIN DESCRIPTION
DFN1616-6
Pin No
Symbol
Description
1
VDD
Input Pin
2
NC
No Connection
3
VOUT
Voltage Regulator Output Pin
4
CE
Chip Enable Pin
5
NC
R1154LxxxB (B version)
No Connection
ADJ
R1154L001C (C version)
Reference Voltage of Adjustable Output Pin
6
GND
Ground Pin
) Tab is GND level. (They are connected to the reverse side of this IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
SOT-23-5
Pin No
Symbol
Description
1
VOUT
Voltage Regulator Output Pin
2
GND
Ground Pin
3
VDD
Input Pin
4
NC
R1154NxxxB (B version)
No Connection
ADJ
R1154N001C (C version)
Reference Voltage of Adjustable Output Pin
5
CE
Chip Enable Pin
SOT-89-5
Pin No
Symbol
Description
1
VOUT
Voltage Regulator Output Pin
2
GND
Ground Pin
3
CE
Chip Enable Pin
4
NC
R1154HxxxB (B version)
No Connection
ADJ
R1154H001C (C version)
Reference Voltage of Adjustable Output Pin
5
VDD
Input Pin


Similar Part No. - R1154N075B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N075B RICOH-R1154N075B Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results

Similar Description - R1154N075B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com