Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1131D152B-TR-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1131D152B-TR-FE
Description  R1131
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D152B-TR-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1131D152B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1131D152B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1131D152B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1131D152B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1131D152B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1131D152B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1131D152B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1131D152B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division R1131D152B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
R1131x
8
TYPICAL APPLICATION
VDD
GND
OUT
OUT
R1131x
Series
C2
C1
IN
OUT
OUT
CE
⋅ CE
<External Components examples>
C2
1.0
μF CM05X5R105K06AB (Kyocera)
C2
1.0
μF C1005JBOJ105K (TDK)
C2
1.0
μF GRM155B30J105KE18B (Murata)
Output Capacitor; 1.0
μF or more capacity ceramic Type
(If VOUT
< 1.0V, Tantalum Type is recommended)
Input Capacitor, 1.0
μF or more capacity ceramic Type
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, be sure to use a 1.0
μF or more capacitor COUT with good frequency characteristics and ESR
(Equivalent Series Resistance).
(Note: If a tantalum capacitor is connected to the Output pin for phase compensation, if the ESR value of the
capacitor is too large, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
Chip capacitor characteristics of Bias dependence and Temperature characteristics may vary depending on its
size, manufacturer, and part number.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, pick-up the noise or unstable operation may
result. Connect a capacitor with as much as 1.0
μF capacitor between VDD and GND pin as close as possible.
Set external components, especially the output capacitor, as close as possible to the ICs, and make wiring as
short as possible.
*R1131Dxx2 (HSON-6) is the discontinued product. As of June in 2016.


Similar Part No. - R1131D152B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D152B RICOH-R1131D152B Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com