Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1131D332A-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1131D332A-TR-FE
Description  R1131
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131D332A-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1131D332A-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1131D332A-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1131D332A-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1131D332A-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1131D332A-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1131D332A-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1131D332A-TR-FE Datasheet HTML 9Page - RICOH electronics devices division R1131D332A-TR-FE Datasheet HTML 10Page - RICOH electronics devices division R1131D332A-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
R1131x
7
R1131xxxxB/D
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT >1.5V
×0.98
×1.02
V
VOUT
Output Voltage
VIN
=Set VOUT+1V
1
μA ≤ IOUT ≤ 30mA
VOUT
≤ 1.5V
−30
+30
mV
IOUT
Output Current
VIN
−VOUT=1.0V
300
mA
ΔVOUT/
ΔIOUT
Load Regulation
VIN
=Set VOUT+1V
1mA
≤ IOUT ≤ 300mA
40
70
mV
VOUT=0.8V
620
850
VOUT=0.9V
550
780
1.0V
≤ VOUT < 1.5V
480
700
1.5V
≤ VOUT < 2.6V
310
450
VDIF
Dropout Voltage
IOUT
=300mA
2.6V
≤ VOUT ≤ 3.3V
230
350
mV
VIN
=Set VOUT+1V, VOUT < 1.8V
80
111
μA
ISS1
Supply Current
VIN
=Set VOUT+1V, VOUT ≥ 1.8V
60
90
μA
Istandby
Standby Current
VIN
=Set VOUT+1V, VCE=GND
0.1
1.0
μA
ΔVOUT/
ΔVIN
Line Regulation
IOUT
=30mA
VOUT
+0.5V ≤ VIN ≤ 6.0V(VOUT > 0.9V)
1.4V
≤ VIN ≤ 6.0V(VOUT ≤ 0.9V)
0.01
0.15
%/V
RR
Ripple Rejection
f
=1kHz, Ripple 0.2Vp-p
VIN
=Set VOUT+1V, IOUT=30mA
65
dB
VIN
Input Voltage
1.4
6.0
V
ΔVOUT/
ΔTopt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C ≤ Topt ≤ 85°C
±100
ppm
/
°C
ISC
Short Current Limit
VOUT
=0V
50
mA
RPD
CE Pull-down Resistance
1.87
5.0
12.0
M
Ω
VCEH
CE Input Voltage “H”
1.0
6.0
V
VCEL
CE Input Voltage “L”
0
0.3
V
en
Output Noise
BW
=10Hz to 100kHz
30
μVrms
RLOW
Nch On Resistance for auto
discharge (D version only)
VCE
=0V
60
Ω
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.
*R1131Dxx2 (HSON-6) is the discontinued product. As of June in 2016.


Similar Part No. - R1131D332A-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D332A RICOH-R1131D332A Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com