Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1100D151C-TR-F Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1100D151C-TR-F
Description  ULTRA SMALL PACKAGE VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1100D151C-TR-F Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1100D151C-TR-F Datasheet HTML 6Page - RICOH electronics devices division R1100D151C-TR-F Datasheet HTML 7Page - RICOH electronics devices division R1100D151C-TR-F Datasheet HTML 8Page - RICOH electronics devices division R1100D151C-TR-F Datasheet HTML 9Page - RICOH electronics devices division R1100D151C-TR-F Datasheet HTML 10Page - RICOH electronics devices division R1100D151C-TR-F Datasheet HTML 11Page - RICOH electronics devices division R1100D151C-TR-F Datasheet HTML 12Page - RICOH electronics devices division R1100D151C-TR-F Datasheet HTML 13Page - RICOH electronics devices division R1100D151C-TR-F Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
R1100D
10
3) Dropout Voltage vs. Output Current
R1100D091C
R1100D301C
020
50
40
10
30
Output Current IOUT(mA)
0.00
0.20
1.40
0.80
0.40
1.60
1.00
1.20
0.60
1.80
Topt=85
°C
25
°C
-40
°C
020
50
40
10
30
Output Current IOUT(mA)
0.00
0.10
0.40
0.20
0.50
0.60
0.30
0.70
Topt=85
°C
25
°C
-40
°C
R1100D401C
020
50
40
10
30
Output Current IOUT(mA)
0.00
0.30
0.10
0.40
0.50
0.20
0.60
Topt=85
°C
25
°C
-40
°C
4) Output Voltage vs. Temperature
R1100D091C
R1100D301C
-50
50
25
0
-25
100
75
Temperature Topt(
°C)
0.85
0.88
0.87
0.86
0.90
0.92
0.94
0.89
0.91
0.93
0.95
VIN=2.9V
IOUT=10mA
-50
50
25
0
-25
100
75
Temperature Topt(
°C)
2.90
2.96
2.94
2.92
3.00
3.04
3.08
2.98
3.02
3.06
3.10
VIN=5.0V
IOUT=10mA


Similar Part No. - R1100D151C-TR-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100DXX1C-TR-F NISSHINBO-R1100DXX1C-TR-F Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results

Similar Description - R1100D151C-TR-F

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com