Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3D12065A Datasheet(PDF) 4 Page - Cree, Inc

Part # C3D12065A
Description  650 Volt Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D12065A Datasheet(HTML) 4 Page - Cree, Inc

  C3D12065A Datasheet HTML 1Page - Cree, Inc C3D12065A Datasheet HTML 2Page - Cree, Inc C3D12065A Datasheet HTML 3Page - Cree, Inc C3D12065A Datasheet HTML 4Page - Cree, Inc C3D12065A Datasheet HTML 5Page - Cree, Inc C3D12065A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
C3D12065A Rev. -, 12-2016
6
8
10
12
14
16
0
2
4
0
100
200
300
400
500
600
700
Reverse Voltage, VR (V)
Typical Performance
100
1,000
TJ_initial = 25 °C
TJ_initial = 110 °C
10
10E-6
100E-6
1E-3
10E-3
Figure7.CapacitanceStoredEnergy
Figure8.Non-repetitivepeakforwardsurgecurrent
versuspulseduration(sinusoidalwaveform)
t
p (s)
V
R (V)
Figure9.TransientThermalImpedance
100E-3
1
0.5
0.3
0.1
0.05
0.02
0.01
SinglePulse
1E-3
10E-3
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
T (Sec)


Similar Part No. - C3D12065A

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3D12065A WOLFSPEED-C3D12065A Datasheet
1Mb / 9P
   3rd Generation 650 V, 12 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
More results

Similar Description - C3D12065A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CPW2-0650-S012B CREE-CPW2-0650-S012B Datasheet
526Kb / 4P
   650-Volt Schottky Rectifier
CPW2-0650-S016B CREE-CPW2-0650-S016B Datasheet
524Kb / 4P
   650-Volt Schottky Rectifier
CPW3-1700-S025B CREE-CPW3-1700-S025B Datasheet
376Kb / 3P
   1700-Volt Schottky Rectifier
C3D03060A CREE-C3D03060A Datasheet
749Kb / 5P
   Silicon Carbide Schottky Diode 600-Volt Schottky Rectifier
C3D10170H CREE-C3D10170H Datasheet
585Kb / 5P
   Silicon Carbide Schottky Diode 1700-Volt Schottky Rectifier
logo
STMicroelectronics
STPSC16H065A STMICROELECTRONICS-STPSC16H065A Datasheet
235Kb / 9P
   650 V power Schottky silicon carbide rectifier
October 2018 Rev 1
logo
Cree, Inc
C3D06060A CREE-C3D06060A Datasheet
739Kb / 6P
   Silicon Carbide Schottky Diode Z-Rec Rectifier 600-Volt Schottky Rectifier
logo
Central Semiconductor C...
CPD76X-CMLSH1-40 CENTRAL-CPD76X-CMLSH1-40 Datasheet
456Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 14-September 2016
CPD77X-1N5820 CENTRAL-CPD77X-1N5820 Datasheet
519Kb / 4P
   Schottky Rectifier Die 3.0 Amp, 20 Volt
R0 23-January 2017
CPD81X CENTRAL-CPD81X Datasheet
611Kb / 4P
   Schottky Rectifier Die 5.0 Amp, 40 Volt
R0 19-March 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com