Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145705DW Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC145705DW
Description  5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145705DW Datasheet(HTML) 4 Page - Motorola, Inc

  MC145705DW Datasheet HTML 1Page - Motorola, Inc MC145705DW Datasheet HTML 2Page - Motorola, Inc MC145705DW Datasheet HTML 3Page - Motorola, Inc MC145705DW Datasheet HTML 4Page - Motorola, Inc MC145705DW Datasheet HTML 5Page - Motorola, Inc MC145705DW Datasheet HTML 6Page - Motorola, Inc MC145705DW Datasheet HTML 7Page - Motorola, Inc MC145705DW Datasheet HTML 8Page - Motorola, Inc MC145705DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC145705
•MC145706•MC145707
MOTOROLA
4
MAXIMUM RATINGS (Voltage Polarities Referenced to GND)
Rating
Symbol
Value
Unit
DC Supply Voltage
VCC
– 0.5 to + 6.0
V
Input Voltage
Rx1 – Rx3 Inputs
DI1 – DI3 Inputs
VIR
VSS – 15 to VDD + 15
0.5 to VCC + 15
V
DC Current per Pin
I
± 100
mA
Power Dissipation
PD
1
W
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to + 150
°C
RECOMMENDED OPERATING LIMITS
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply
VCC
4.5
5
5.5
V
Operating Temperature Range
TA
– 40
85
°C
DC ELECTRICAL CHARACTERISTICS (Voltage polarities referenced to GND = 0 V; C1 – C4 = 10
µF; TA = – 40 to + 85°C)
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supply
VCC
4.5
5
5.5
V
Quiescent Supply Current (Output Unloaded, Input Low)
ICC
1.7
3.5
mA
Quiescent Supply Current (Standby Mode) (Output Unloaded, Input Open)
ICC(STB)
< 10
20
µA
Control Signal Input Voltage (STB, TxEN)
Logic Low
Logic High
VIL
VIH
VCC – 0.5
0.5
V
Control Signal Input Current
Logic Low (TxEN)
Logic High (STB)
IIL
IIH
– 10
10
µA
Charge Pumps Output Voltage (C1, C2, C3, C4 = 10
µF)
Output Voltage (VDD)
Iload = 0 mA
Iload = 5 mA
Iload = 10 mA
VDD
8.5
7.5
6.0
10.0
9.5
9.0
11
V
Output Voltage (VSS)
Iload = 0 mA
Iload = 5 mA
Iload = 10 mA
VSS
– 8.5
– 7.5
– 6.0
– 10.0
– 9.2
– 8.6
– 11
RECEIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V; VCC = + 5 V ± 10%; C1 – C4 = 10 µF; TA = – 40 to + 85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Input Turn–On Threshold (VDO1 – DO3 = VOL)
Rx1 – Rx3
Von
1.35
1.8
2.35
V
Input Turn–Off Threshold (VDO1 – DO3 = VOH)
Rx1 – Rx3
Voff
0.75
1
1.25
V
Input Threshold Hysteresis (Von = Voff)
Rx1 – Rx3
Vhys
0.6
0.8
V
Input Resistance
Rin
3
5.4
7
k
High–Level Output Voltage (DO1 – DO3)
Iout = – 20 µA
VRx1 – Rx3 = – 3 to – 25 V
Iout = – 1 mA
VOH
VCC – 0.1
VCC – 0.7
4.3
V
Low–Level Output Voltage (DO1 – DO3)
Iout = + 20 µA
VRx1 – Rx3 = + 3 to + 25 V
Iout = + 1.6 mA
VOL
0.01
0.5
0.1
0.7
V
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, precau-
tions must be taken to avoid applications of any
voltage higher than maximum rated voltages to
this high–impedance circuit. For proper opera-
tion, it is recommended that the voltage at
the DI and DO pins be constrained to the range
GND
≤ VDI ≤ VDD and GND ≤ VDO ≤ VCC.
Also, the voltage at the Rx pin should be
constrained to (VSS – 15 V) ≤ VRx1 – Rx3 ≤
(VDD + 15 V), and Tx should be constrained
to VSS ≤ VTx1 – Tx3 ≤ VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., GND or
VCC for DI, and GND for Rx).


Similar Part No. - MC145705DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570D MOTOROLA-MC14570D Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC14570P MOTOROLA-MC14570P Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
More results

Similar Description - MC145705DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14529B MOTOROLA-MC14529B Datasheet
253Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145583 MOTOROLA-MC145583 Datasheet
191Kb / 8P
   3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583_08 Datasheet
142Kb / 7P
   3.3 Volt Only Driver/Receiver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
   5 Volt Only Driver
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Zarlink Semiconductor I...
MV8870 ZARLINK-MV8870 Datasheet
205Kb / 12P
   INTERGRATED DTMF RECEIVER
logo
ATMEL Corporation
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com