Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81403 Datasheet(PDF) 1 Page - Mallory performance club

Part # 81403
Description  MSD 44 Amp Pro Mag Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

81403 Datasheet(HTML) 1 Page - Mallory performance club

  81403 Datasheet HTML 1Page - Mallory performance club 81403 Datasheet HTML 2Page - Mallory performance club 81403 Datasheet HTML 3Page - Mallory performance club 81403 Datasheet HTML 4Page - Mallory performance club 81403 Datasheet HTML 5Page - Mallory performance club 81403 Datasheet HTML 6Page - Mallory performance club 81403 Datasheet HTML 7Page - Mallory performance club 81403 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
MSD Pro Mag Information
Congratulations on selecting the MSD Pro Mag – the most powerful and reliable magneto available!
The following information will answer some of the questions you may come across concerning the
Pro Mag. If you need more assistance, please contact our Customer Support Department at (915)
855-7123 or drop an email to
msdforms@msdperformance.com.
INITIAL TIMING SETUP
A traditional “Buzz Box” cannot be used to set the timing of a Pro Mag because there are no
mechanical points. The Pro Mag incorporates a high output magnetic pickup that ensures accurate
timing and never requires adjustment. Follow these steps to
set timing:
1. Position the crankshaft to your desired timing.
2. Position the generator in the engine with the rotor tip
leading into the #1 terminal of the cap (Figure 1).
3. Start the engine and verify the timing with a quality timing
light such as MSD’s PN 8992 or PN 8991. and adjust timing as
needed.
CONVENTIONAL TIMING VS. THE PRO MAG
When converting from a “conventional” (non-MSD) mag-
neto to a Pro Mag, it may be necessary to review your tune up.
It is common for the ignition timing to accept a few degrees
of retard or an increase in fuel to prevent lean mixtures. Tak-
ing the time to test and tune with small incremental changes
will prove very beneficial.
CAP AND ROTOR MAINTENANCE
Due to the spark energy that MSD Pro Mags produce it is recommended to inspect the cap, rotor
and spark plug wires at closer intervals. The components that are supplied with the Pro Mags are
designed for strength and reliability but still require maintenance. Visually inspect for excessive wear
or carbon tracking. Cap and Rotors are available as a kit from your MSD Dealer:
Cap and
Rotor Kit
PN 7919 (Red)
PN 8119
Generator
Standard Chevy Generator, Pro Mag 12LT (4" cap)
Band Clamp Generators (4" cap)
(12, 20 and 44 Amp Versions)
Pro-Cap: 5" Cap - PN 7408 (red) or PN 74083 (black), Rotor - PN 7423, Base - PN 7456 (red) or
PN 74563 (black) and Rotor Terminal - PN 7411.
PN 79193 (Black)
Parts Included In This Kit:
1 – 44 Amp Pro Mag Generator
1 – Timing Tape, PN 8126
MSD 44 Amp Pro Mag Generator
Clockwise Rotation - PN 8130, PN 81303, PN 81305
Counterclockwise Rotation – PN 8140, PN 81403, PN 81405
Figure 1 Rotor Tip and Cap Alignment.
Distributor Cap
Terminal
Rotor Tip


Similar Part No. - 81403

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8140315 FESTO-8140315 Datasheet
85Kb / 2P
   Media separated solenoid valve
1/21/22
8140316 FESTO-8140316 Datasheet
85Kb / 2P
   Media separated solenoid valve
8140316
8140317 FESTO-8140317 Datasheet
88Kb / 2P
   Media separated solenoid valve
1/21/22
8140318 FESTO-8140318 Datasheet
88Kb / 2P
   Media separated solenoid valve
1/21/22
8140395 FESTO-8140395 Datasheet
73Kb / 1P
   Position indicator
More results

Similar Description - 81403

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
81305 MALLORY-81305 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
PN8130 MALLORY-PN8130 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
8130 MALLORY-8130 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81405 MALLORY-81405 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
8140MSD MALLORY-8140MSD Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81407 MALLORY-81407 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81303 MALLORY-81303 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81307 MALLORY-81307 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81602 MALLORY-81602 Datasheet
637Kb / 4P
   MSD 20 Amp Pro Mag Generator
8139MSD MALLORY-8139MSD Datasheet
407Kb / 4P
   MSD 12 AMP Pro Mag Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com