Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7222 Datasheet(PDF) 1 Page - Mallory performance club

Part # 7222
Description  MSD 7AL-2 Plus Ignition
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7222 Datasheet(HTML) 1 Page - Mallory performance club

  7222 Datasheet HTML 1Page - Mallory performance club 7222 Datasheet HTML 2Page - Mallory performance club 7222 Datasheet HTML 3Page - Mallory performance club 7222 Datasheet HTML 4Page - Mallory performance club 7222 Datasheet HTML 5Page - Mallory performance club 7222 Datasheet HTML 6Page - Mallory performance club 7222 Datasheet HTML 7Page - Mallory performance club 7222 Datasheet HTML 8Page - Mallory performance club 7222 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Note: Solid Core spark plug wires cannot be used with an MSD Ignition.
Note: An MSD cannot be used on vehicles with CD ignitions or distributorless ignition systems.
Parts Included:
1 - MSD 7AL-2 Plus Ignition
1 - White Wire
1 - Mag Pickup Extension Harness, PN 8860
1 - Red Wire
1 - Mag Pickup Adapter Harness, PN 8859
4 - Vibration Mounts and Hardware
1 - Coil Harness, PN 8863
4 - RPM Modules: 3K, 7K, 8K and 9K
FEATURES
RPM LIMITERS
The 7AL-2 Plus Ignition is equipped with a 2-step rev control. The Ignition will accept two rpm
modules so two different rev limits can be set. One rev limit can be used for overrev protection while
the second limit can be activated on the starting line for a lower rpm limit to assist in staging and
for consistent holeshots. When 12 volts are applied to the 2-step terminal (2’S’), Module 1 is active.
Module 2 is active when there is no 12 volts.
CYLINDER SELECT
This ignition can be used on 2, 4, 6 (even-fire) or 8-cylinder engines. The ignition is set for 8-cylinder
operation. To program the unit for other engines, remove the one screw that holds the cover to reveal
three wire loops (Figure 1). Cutting a wire loop determines the cylinder selection.
SPARK LED
When the coil fires, current is sensed and this
LED will flash. This confirms that the ignition has
received a trigger signal and that the coil and
ignition are working properly. (If the coil is not
connected, the LED will not flash.) When the
engine is running, it will appear solid.
Cylinders Loops to Cut
8
None
6
One
4
Two
2
Three
Cut loops
Remove cap
WARNING: Before installing the MSD Distributor, disconnect the battery cables. When disconnecting
the battery cables, always remove the Negative (-) cable first and install it last.
Figure 1 Cylinder Programming.
MSD 7AL-2 Plus Ignition
PN 7222
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your
product will help if there is ever a warranty issue with your product and helps the MSD R&D
team create new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 7222

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
7222 CONNOR-WINFIELD-7222 Datasheet
221Kb / 2P
   2.5V SURFACE MOUNT 5x3.2mm LVCMOS FIXED FREQUENCY OSCILLATOR OSCILLATOR
7222-25.00M CONNOR-WINFIELD-7222-25.00M Datasheet
221Kb / 2P
   2.5V SURFACE MOUNT 5x3.2mm LVCMOS FIXED FREQUENCY OSCILLATOR OSCILLATOR
logo
EnOcean GmbH.
72220-240-P ENOCEAN-72220-240-P Datasheet
665Kb / 2P
   Edge Server
2022
72220-248-P ENOCEAN-72220-248-P Datasheet
665Kb / 2P
   Edge Server
2022
logo
Integrated Device Techn...
72220L10TPG IDT-72220L10TPG Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results

Similar Description - 7222

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
6520 MALLORY-6520 Datasheet
3Mb / 16P
   MSD 7AL-2 Plus Ignition
PN72223 MALLORY-PN72223 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
72223 MALLORY-72223 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
PN7222 MALLORY-PN7222 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
PN7330 MALLORY-PN7330 Datasheet
1Mb / 12P
   MSD 7AL-3, Ignition Control
62152 MALLORY-62152 Datasheet
1Mb / 16P
   MSD DIS-2 Plus Ignition
PN62112 MALLORY-PN62112 Datasheet
1Mb / 16P
   MSD DIS-2 Plus Ignition
PN7805 MALLORY-PN7805 Datasheet
972Kb / 8P
   MSD-8 Plus Ignition
7805 MALLORY-7805 Datasheet
972Kb / 8P
   MSD-8 Plus Ignition
PN62152 MALLORY-PN62152 Datasheet
1Mb / 16P
   MSD DIS-4 Plus Ignition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com