Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC144TM Datasheet(PDF) 2 Page - Rohm

Part # DTC144TM
Description  NPN 100mA 50V Digital Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC144TM Datasheet(HTML) 2 Page - Rohm

  DTC144TM Datasheet HTML 1Page - Rohm DTC144TM Datasheet HTML 2Page - Rohm DTC144TM Datasheet HTML 3Page - Rohm DTC144TM Datasheet HTML 4Page - Rohm DTC144TM Datasheet HTML 5Page - Rohm DTC144TM Datasheet HTML 6Page - Rohm DTC144TM Datasheet HTML 7Page - Rohm DTC144TM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DTC144T series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC*1
100
mA
Power dissipation
DTC144TM
PD*2
150
mW
DTC144TUA
200
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = 50μA
50
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = 1mA
50
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = 50μA
5
-
-
V
Collector cut-off current
ICBO
VCB = 50V
-
-
500
nA
Emitter cut-off current
IEBO
VEB = 4V
-
-
500
nA
Collector-emitter saturation voltage
VCE(sat)
IC = 5mA, IB = 0.5mA
-
-
300
mV
DC current gain
hFE
VCE = 5V, IC = 1mA
100
250
600
-
Input resistance
R1
-
32.9
47
61.1
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/5
20160905 - Rev.002


Similar Part No. - DTC144TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144TM ROHM-DTC144TM Datasheet
60Kb / 4P
   Digital transistors (built in resistor)
logo
Weitron Technology
DTC144TM WEITRON-DTC144TM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Rohm
DTC144TM ROHM-DTC144TM Datasheet
145Kb / 3P
   100mA / 50V Digital transistors (with built-in resistor)
logo
SeCoS Halbleitertechnol...
DTC144TM SECOS-DTC144TM Datasheet
77Kb / 2P
   NPN Digital Transistors (Elektronische Bauelemente Built-in Resistors)
logo
Taiwan Semiconductor Co...
DTC144TM TSC-DTC144TM Datasheet
199Kb / 3P
   NPN Small Signal Transistor
More results

Similar Description - DTC144TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
DTC124EUAFRA ROHM-DTC124EUAFRA Datasheet
896Kb / 8P
   NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com