Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143ZE Datasheet(PDF) 1 Page - Rohm

Part # DTC143ZE
Description  NPN 100mA 50V Digital Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143ZE Datasheet(HTML) 1 Page - Rohm

  DTC143ZE Datasheet HTML 1Page - Rohm DTC143ZE Datasheet HTML 2Page - Rohm DTC143ZE Datasheet HTML 3Page - Rohm DTC143ZE Datasheet HTML 4Page - Rohm DTC143ZE Datasheet HTML 5Page - Rohm DTC143ZE Datasheet HTML 6Page - Rohm DTC143ZE Datasheet HTML 7Page - Rohm DTC143ZE Datasheet HTML 8Page - Rohm DTC143ZE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DTC143Z series
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
Value
VMT3
EMT3F
VCC
50V
 
 
 
 
IC(MAX.)
100mA
R1
4.7kΩ
DTC143ZM
DTC143ZEB
R2
47kΩ
(SC-105AA)
(SC-89)
EMT3
UMT3F
l
lFeatures
 
 
 
 
1) Built-in bias resistors .R1 = 4.7kΩ, R2 = 47kΩ.
2) Built-in bias resistors enable the configuration of
  an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
  for operation, making the circuit design easy.
4) Complementary PNP Types: DTA143Z series
DTC143ZE
DTC143ZUB
SOT-416(SC-75A)
(SC-85)
UMT3
SMT3
 
 
 
 
DTC143ZUA
DTC143ZKA
SOT-323(SC-70)
SOT-346(SC-59)
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lInner circuit
DTC143ZM/ DTC143ZEB/ DTC143ZUB
DTC143ZE/ DTC143ZUA/ DTC143ZKA
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC143ZM
VMT3
1212
T2L
180
8
8000
E23
DTC143ZEB
EMT3F
1616
TL
180
8
3000
E23
DTC143ZE
EMT3
1616
TL
180
8
3000
E23
DTC143ZUB
UMT3F
2021
TL
180
8
3000
123
DTC143ZUA
UMT3
2021
T106
180
8
3000
123
DTC143ZKA
SMT3
2928
T146
180
8
3000
E23
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/10
20150527 - Rev.003


Similar Part No. - DTC143ZE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143ZE ROHM-DTC143ZE Datasheet
71Kb / 3P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTC143ZE TSC-DTC143ZE Datasheet
730Kb / 5P
   PNP Small Signal Transistor
logo
Rohm
DTC143ZE ROHM-DTC143ZE Datasheet
86Kb / 4P
   Digital transistors (built-in resistors)
logo
ON Semiconductor
DTC143ZE ONSEMI-DTC143ZE Datasheet
110Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
January, 2015 ??Rev. 5
logo
Weitron Technology
DTC143ZE WEITRON-DTC143ZE Datasheet
429Kb / 13P
   Bias Resistor Transistor NPN Silicon
More results

Similar Description - DTC143ZE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
   NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC015T ROHM-DTC015T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com