Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123JUA Datasheet(PDF) 1 Page - Rohm

Part # DTC123JUA
Description  NPN 100mA 50V Digital Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC123JUA Datasheet(HTML) 1 Page - Rohm

  DTC123JUA Datasheet HTML 1Page - Rohm DTC123JUA Datasheet HTML 2Page - Rohm DTC123JUA Datasheet HTML 3Page - Rohm DTC123JUA Datasheet HTML 4Page - Rohm DTC123JUA Datasheet HTML 5Page - Rohm DTC123JUA Datasheet HTML 6Page - Rohm DTC123JUA Datasheet HTML 7Page - Rohm DTC123JUA Datasheet HTML 8Page - Rohm DTC123JUA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DTC123J series
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
Value
VMT3
EMT3F
VCC
50V
 
 
 
 
IC(MAX.)
100mA
R1
2.2kΩ
DTC123JM
DTC123JEB
R2
47kΩ
(SC-105AA)
(SC-89)
EMT3
UMT3F
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistors
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary PNP Types: DTA123J series
DTC123JE
DTC123JUB
SOT-416(SC-75A)
(SC-85)
UMT3
SMT3
 
 
 
 
DTC123JUA
DTC123JKA
SOT-323(SC-70)
SOT-346(SC-59)
l
lApplication
INVERTER,INTERFACE,DRIVER
l
lInner circuit
DTC123JM/ DTC123JEB/ DTC123JUB
DTC123JE/ DTC123JUA/ DTC123JKA
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC123JM
VMT3
1212
T2L
180
8
8000
E42
DTC123JEB
EMT3F
1616
TL
180
8
3000
E42
DTC123JE
EMT3
1616
TL
180
8
3000
E42
DTC123JUB
UMT3F
2021
TL
180
8
3000
142
DTC123JUA
UMT3
2021
T106
180
8
3000
142
DTC123JKA
SMT3
2928
T146
180
8
3000
E42
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/10
20150311 - Rev.002


Similar Part No. - DTC123JUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123JUA ROHM-DTC123JUA Datasheet
66Kb / 4P
   Digital transistors (built-in resistors)
DTC123JUA ROHM-DTC123JUA Datasheet
1Mb / 5P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
DTC123JUA JIANGSU-DTC123JUA Datasheet
133Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTC123JUA TSC-DTC123JUA Datasheet
798Kb / 6P
   NPN Small Signal Transistor
logo
SeCoS Halbleitertechnol...
DTC123JUA SECOS-DTC123JUA Datasheet
348Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC123JUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
   NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC015T ROHM-DTC015T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com