Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6201 Datasheet(PDF) 11 Page - Mallory performance club

Part # 6201
Description  MSD Digital 6A and 6AL Ignition Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6201 Datasheet(HTML) 11 Page - Mallory performance club

Back Button 6201 Datasheet HTML 7Page - Mallory performance club 6201 Datasheet HTML 8Page - Mallory performance club 6201 Datasheet HTML 9Page - Mallory performance club 6201 Datasheet HTML 10Page - Mallory performance club 6201 Datasheet HTML 11Page - Mallory performance club 6201 Datasheet HTML 12Page - Mallory performance club 6201 Datasheet HTML 13Page - Mallory performance club 6201 Datasheet HTML 14Page - Mallory performance club 6201 Datasheet HTML 15Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
INSTALLATION INSTRUCTIONS
11
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
MSD SYSTEMS Installing to an MSD Ready-to-Run Distributor.
INDICATES CONNECTION
IGNITION
KEY
TO 12V
ORANGE
WHITE
RED
BLACK
ORANGE
BLACK
TO GROUND
READY-TO-RUN
DISTRIBUTOR
RED
WHITE
ORANGE
BLACK
MAGNETIC PICKUP
(NOT USED)
GRAY
TACH OUTPUT
GREEN (-)
VIOLET (+)
DIGITAL 6AL
REV
LIMITER
MSD SYSTEMS
With an MSD Timing Control (points or amplifier).
MOST TIMING
CONTROLS
TIMING
CONTROL
UNIT
CONTROL
KNOB
IGNITION
TM
MAGNETIC
PICKUP
(NOT USED)
TO GROUND
BLACK
IGNITION
KEY
TO 12V
RED
WHITE
FROM
IGNITION KEY
(ORIGINAL COIL + WIRE)
FROM POINTS
OR ELECTRONIC
IGNITION AMPLIFIER
(ORIGINAL COIL -
WIRE)
WHITE
ORANGE
BLACK
MAGNETIC PICKUP
(NOT USED)
GRAY
TACH OUTPUT
GREEN (-)
VIOLET (+)
RED
DIGITAL 6AL
REV
LIMITER
YELLOW
NOTE: If your Ready-to-
Run Distributor
has a rev limiter,
set it to Zero.


Similar Part No. - 6201

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
620100126015 WURTH-620100126015 Datasheet
426Kb / 2P
   2.00 MM PRE-CRIMPED CONTACT
logo
Tyco Electronics
62011-1 MACOM-62011-1 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
TE Connectivity Ltd
62011-1 TEC-62011-1 Datasheet
41Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
62011-2 MACOM-62011-2 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
TE Connectivity Ltd
62011-2 TEC-62011-2 Datasheet
41Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6201

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6201 MALLORY-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
PN62013 MALLORY-PN62013 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6A-PN6201 MALLORY-6A-PN6201 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
6425 MALLORY-6425 Datasheet
1Mb / 20P
   MSD Digital 6A and 6AL Ignition Control
PN6421 MALLORY-PN6421 Datasheet
2Mb / 28P
   MSD 6AL-2 Ignition Control
PN6530 MALLORY-PN6530 Datasheet
728Kb / 20P
   Programmable 6AL-2 Ignition Control
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
   MSD Digital 6 Plus Ignition Control
PN65303 MALLORY-PN65303 Datasheet
728Kb / 20P
   Programmable 6AL-2 Ignition Control
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com