Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD9238-24LBVXC Datasheet(PDF) 1 Page - ORION FANS

Part # OD9238-24LBVXC
Description  DC Fan - 12, 24, 48V 92x38mm (3.62??x 1.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD9238-24LBVXC Datasheet(HTML) 1 Page - ORION FANS

  OD9238-24LBVXC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
77
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD9238 VA Series
Vaneaxial, High Pressure
Frame & Impeller
PBT, UL94V-0 plastic
AvailableOptions:
IP55
Tachometer (FG)
Alarm
PWM
Super High Speed
(150CFM)
Life Expectancy (L10)
75,000 hours (40C)
Weight: ~0.42 lbs.
m1
Connection
2x Lead wires, 290mm,
UL1007,AWG 24
Motor
Brushless DC, auto restart,
polarity protected.
Bearing System
Dual ball bearing
Insulation Resistance Min. 10M at 500VDC
Dielectric Strength
1 minute at 500 VAC, max
leakage < 500 MicroAmp
Temperature Range
-20C ~ +75C
Storage Temperature -40C ~ +80C
DC Fan - 12, 24, 48V
92x38mm (3.62” x 1.5”)
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts DC Input Power
(Watts)
Amps
Max. Static
Pressure (“H2O)
OD9238-12HBVXC
5400
135
58
12
16
1.3
0.74
OD9238-12MBVXC
4800
118
55
12
11
0.9
0.59
OD9238-12LBVXC
4400
108
52
12
9
0.7
0.50
OD9238-24HBVXC
5400
135
58
24
16
0.7
0.74
OD9238-24MBVXC
4800
118
55
24
11
0.5
0.59
OD9238-24LBVXC
4400
108
52
24
8
0.3
0.50
OD9238-48HBVXC
5400
135
58
48
17
0.4
0.74
OD9238-48MBVXC
4800
118
55
48
12
0.3
0.59
OD9238-48LBVXC
4400
108
52
48
9
0.2
0.50
H
M
L


Similar Part No. - OD9238-24LBVXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD9238-24LBVXC ORIONFANS-OD9238-24LBVXC Datasheet
151Kb / 1P
   DC Fan - 12V, 24V and 48V 92x38mm (3.62' x 1.5')i
More results

Similar Description - OD9238-24LBVXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD9238 ORIONFANS-OD9238 Datasheet
151Kb / 1P
   DC Fan - 12V, 24V and 48V 92x38mm (3.62' x 1.5')i
OD9238-12HHBXC10A ORIONFANS-OD9238-12HHBXC10A Datasheet
277Kb / 1P
   DC Fan - 12V, Tachometer, PWM 92x38mm (3.62??x 1.5??
OD9225 ORIONFANS-OD9225_16 Datasheet
636Kb / 1P
   DC Fan - 12, 24, 48V 92x25 (3.62?쓝 1.00??
OD172SAPL ORIONFANS-OD172SAPL Datasheet
648Kb / 1P
   DC Fan - 12, 24, 48V
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
   DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
   DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
   High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238-XC ORIONFANS-OD1238-XC Datasheet
625Kb / 3P
   DC Fans - 12, 24, 48V 120mm x 120mm x 38.5mm (4.7” x 1.5”)
4/6/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com