Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD9225-12LLB Datasheet(PDF) 1 Page - ORION FANS

Part # OD9225-12LLB
Description  DC Fan - 12, 24, 48V 92x25 (3.62?쓝 1.00??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD9225-12LLB Datasheet(HTML) 1 Page - ORION FANS

  OD9225-12LLB Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
76
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD9225 Series
DC Fan - 12, 24, 48V
92x25 (3.62”x 1.00”)
Frame & Impeller
PBT, UL94V-0 plastic
AvailableOptions:
Tachometer (FG)
Alarm (RD)
Thermal Control
Sleeve Bearing
05V
IP55
Life Expectancy (L10)
Ball Bearing
60,000 hours (L10 at 40C)
OperatingTemperature
Ball Bearing
-20C ~ +75C
Weight: ~0.22 lbs
m1
Connection
2x Lead wires
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual Ball
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 minute at 500 VAC, max
leakage < 500 MicroAmp
Storage Temperature -40C ~ +80C
Model Number
Speed (RPM) Airflow (CFM) Noise (dB)
Volts DC Voltage Range Amps
Max. Static
Pressure (“H2O)
OD9225-12HHB
3300
60
40
12
10.8~13.2
0.29
0.17
OD9225-12HB
2900
53
35
12
10.8~13.2
0.24
0.13
OD9225-12MB
2400
44
31
12
10.8~13.2
0.15
0.09
OD9225-12LB
2100
39
28
12
10.8~13.2
0.10
0.07
OD9225-12LLB
1600
27
18
12
10.8~13.2
0.07
0.04
OD9225-24HB
2900
53
35
24
22.6~26.4
0.14
0.13
OD9225-24MB
2400
44
31
24
22.6~26.4
0.09
0.09
OD9225-24LB
2100
39
28
24
22.6~26.4
0.05
0.07
OD9225-48HB
2800
50
33
48
43.2~52.8
0.09
0.24


Similar Part No. - OD9225-12LLB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD9225-12LB ORIONFANS-OD9225-12LB Datasheet
119Kb / 1P
   DC Fan - 12V & 24V 92x25 (3.62 x 1.00)
OD9225-12LB ORIONFANS-OD9225-12LB Datasheet
122Kb / 1P
   DC Fan
More results

Similar Description - OD9225-12LLB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD9225-SS ORIONFANS-OD9225-SS Datasheet
208Kb / 1P
   DC Fan - 12V, 24V 92x25 (3.62?쓝 1.00??
OD9225 ORIONFANS-OD9225 Datasheet
119Kb / 1P
   DC Fan - 12V & 24V 92x25 (3.62 x 1.00)
OD9238VA-16 ORIONFANS-OD9238VA-16 Datasheet
377Kb / 1P
   DC Fan - 12, 24, 48V 92x38mm (3.62??x 1.5??
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
   DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
OD1232 ORIONFANS-OD1232 Datasheet
115Kb / 1P
   DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
   DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD180APL ORIONFANS-OD180APL Datasheet
164Kb / 1P
   DC Fan - 12, 24, 48V 180x65mm (7.1?쓝 2.6??
OD6025 ORIONFANS-OD6025_16 Datasheet
1Mb / 1P
   DC Fan - 5, 12, 24, 48V 60x25mm (2.36?쓝 1.0??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com